전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5936DU 데이터시트(PDF) 7 Page - Vishay Telefunken

부품명 SI5936DU
상세설명  Dual N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI5936DU 데이터시트(HTML) 7 Page - Vishay Telefunken

  SI5936DU Datasheet HTML 1Page - Vishay Telefunken SI5936DU Datasheet HTML 2Page - Vishay Telefunken SI5936DU Datasheet HTML 3Page - Vishay Telefunken SI5936DU Datasheet HTML 4Page - Vishay Telefunken SI5936DU Datasheet HTML 5Page - Vishay Telefunken SI5936DU Datasheet HTML 6Page - Vishay Telefunken SI5936DU Datasheet HTML 7Page - Vishay Telefunken SI5936DU Datasheet HTML 8Page - Vishay Telefunken SI5936DU Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 21-Jul-14
1
Document Number: 73203
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® ChipFET® Case Outline
Note
• Millimeters will govern
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.70
0.75
0.85
0.028
0.030
0.033
A1
0
-
0.05
0
-
0.002
b
0.25
0.30
0.35
0.010
0.012
0.014
C
0.15
0.20
0.25
0.006
0.008
0.010
D
2.92
3.00
3.08
0.115
0.118
0.121
D1
1.75
1.87
2.00
0.069
0.074
0.079
D2
1.07
1.20
1.32
0.042
0.047
0.052
D3
0.20
0.25
0.30
0.008
0.010
0.012
E
1.82
1.90
1.98
0.072
0.075
0.078
E1
1.38
1.50
1.63
0.054
0.059
0.064
E2
0.92
1.05
1.17
0.036
0.041
0.046
E3
0.45
0.50
0.55
0.018
0.020
0.022
e
0.65 BSC
0.026 BSC
H
0.15
0.20
0.25
0.006
0.008
0.010
K
0.25
-
-
0.010
-
-
K1
0.30
-
-
0.012
-
-
K2
0.20
-
-
0.008
-
-
K3
0.20
-
-
0.008
-
-
L
0.30
0.35
0.40
0.012
0.014
0.016
C14-0630-Rev. E, 21-Jul-14
DWG: 5940
D
H
E1
D1
K
L
K1
E3
D3
Backside view of single pad
(5)
(6)
(7)
(8)
(1)
(2)
(3)
(4)
D(2)
D(1)
D(3)
G(4)
D(8)
D(7)
D(6)
S(5)
Z
b
e
D2
D2
K3
Detail Z
Backside view of dual pad
GI(2)
SI(1)
S2(3)
G2(4)
D1(7)
D1(8)
D2(6)
D2(5)
Side view of single
Side view of dual
Pin #1
indicator


유사한 부품 번호 - SI5936DU

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5936DU VISHAY-SI5936DU Datasheet
160Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 12-Nov-12
SI5936DU VISHAY-SI5936DU Datasheet
194Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI5936DU-T1-GE3 VISHAY-SI5936DU-T1-GE3 Datasheet
194Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI5936DU VISHAY-SI5936DU_V01 Datasheet
194Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI5936DU

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com