전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7998DP 데이터시트(PDF) 10 Page - Vishay Telefunken

부품명 SI7998DP
상세설명  Dual N-Channel 30 V (D-S) MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7998DP 데이터시트(HTML) 10 Page - Vishay Telefunken

Back Button SI7998DP Datasheet HTML 6Page - Vishay Telefunken SI7998DP Datasheet HTML 7Page - Vishay Telefunken SI7998DP Datasheet HTML 8Page - Vishay Telefunken SI7998DP Datasheet HTML 9Page - Vishay Telefunken SI7998DP Datasheet HTML 10Page - Vishay Telefunken SI7998DP Datasheet HTML 11Page - Vishay Telefunken SI7998DP Datasheet HTML 12Page - Vishay Telefunken SI7998DP Datasheet HTML 13Page - Vishay Telefunken SI7998DP Datasheet HTML 14Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Si7998DP
www.vishay.com
Vishay Siliconix
S14-1941-Rev. C, 29-Sep-14
10
Document Number: 68970
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHANNEL-2 TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Current Derating*
Power Derating
* The power dissipation PD is based on TJ (max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the
package limit.
0
20
40
60
80
0
255075
100
125
150
Package Limited
TC - Case Temperature (°C)
0
10
20
30
40
50
25
50
75
100
125
150
TC - Case Temperature (°C)


유사한 부품 번호 - SI7998DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7998DP VISHAY-SI7998DP Datasheet
143Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-09
logo
Vishay Telefunken
SI7998DP TFUNK-SI7998DP Datasheet
393Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI7998DP VISHAY-SI7998DP Datasheet
394Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7998DP-T1-GE3 VISHAY-SI7998DP-T1-GE3 Datasheet
394Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7998DP VISHAY-SI7998DP_V01 Datasheet
394Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7998DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com