전자부품 데이터시트 검색엔진 |
|
SI7998DP 데이터시트(PDF) 3 Page - Vishay Telefunken |
|
SI7998DP 데이터시트(HTML) 3 Page - Vishay Telefunken |
3 / 18 page Si7998DP www.vishay.com Vishay Siliconix S14-1941-Rev. C, 29-Sep-14 3 Document Number: 68970 For technical questions, contact: pmostechsupport@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes a. Guaranteed by design, not subject to production testing. b. Pulse test; pulse width ≤ 300 μs, duty cycle ≤ 2 %. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Dynamic a Turn-On Delay Time td(on) Channel-1 VDD = 15 V, RL = 1.5 Ω ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω Channel-2 VDD = 15 V, RL = 1.5 Ω ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω Ch-1 - 20 30 ns Ch-2 - 26 40 Rise Time tr Ch-1 - 15 25 Ch-2 - 17 30 Turn-Off Delay Time td(off) Ch-1 - 22 35 Ch-2 - 35 55 Fall Time tf Ch-1 - 10 15 Ch-2 - 13 20 Turn-On Delay Time td(on) Channel-1 VDD = 15 V, RL = 1.5 Ω ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω Channel-2 VDD = 15 V, RL = 1.5 Ω ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω Ch-1 - 10 15 Ch-2 - 13 20 Rise Time tr Ch-1 - 10 15 Ch-2 - 10 15 Turn-Off Delay Time td(off) Ch-1 - 22 35 Ch-2 - 32 50 Fall Time tf Ch-1 - 10 15 Ch-2 - 10 15 Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current IS TC = 25 °C Ch-1 - - 13 A Ch-2 - - 30 Pulse Diode Forward Current a ISM Ch-1 - - 30 Ch-2 - - 80 Body Diode Voltage VSD IS = 10 A Ch-1 - 0.8 1.2 V Ch-2 - 0.8 1.2 Body Diode Reverse Recovery Time trr Channel-1 IF = 10 A, dI/dt = 100 A/μs, TJ = 25 °C Channel-2 IF = 10 A, dI/dt = 100 A/μs, TJ = 25 °C Ch-1 - 20 30 ns Ch-2 - 27 40 Body Diode Reverse Recovery Charge Qrr Ch-1 - 15 25 nC Ch-2 - 22 35 Reverse Recovery Fall Time ta Ch-1 - 11 - ns Ch-2 - 15 - Reverse Recovery Rise Time tb Ch-1 - 9 - Ch-2 - 12 - SPECIFICATIONS (TJ = 25 °C, unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT |
유사한 부품 번호 - SI7998DP |
|
유사한 설명 - SI7998DP |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |