전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS54719 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TPS54719
상세설명  TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS54719 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPS54719_15 Datasheet HTML 3Page - Texas Instruments TPS54719_15 Datasheet HTML 4Page - Texas Instruments TPS54719_15 Datasheet HTML 5Page - Texas Instruments TPS54719_15 Datasheet HTML 6Page - Texas Instruments TPS54719_15 Datasheet HTML 7Page - Texas Instruments TPS54719_15 Datasheet HTML 8Page - Texas Instruments TPS54719_15 Datasheet HTML 9Page - Texas Instruments TPS54719_15 Datasheet HTML 10Page - Texas Instruments TPS54719_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
−40
−10
20
50
80
110
140
Junction Temperature (°C)
EN Rising
EN Falling
VIN = 3.3 V
G006
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
−40
−10
20
50
80
110
140
Junction Temperature (°C)
EN Rising
EN Falling
VIN = 5 V
G007
390
400
410
420
430
440
450
460
470
480
490
−40
−10
20
50
80
110
140
Junction Temperature (°C)
3.3 Vin
5 Vin
VSENSE = 620 mV
G004a
390
400
410
420
430
440
450
460
470
480
490
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
TJ = 25°C
VSENSE = 620 mV
G005a
0
0.5
1
1.5
2
2.5
−40
−10
20
50
80
110
140
Junction Temperature (°C)
3.3 Vin
5 Vin
G002
0
0.5
1
1.5
2
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
TJ = 25°C
EN = 0 V
G003
TPS54719
www.ti.com
SLVSB69A – JUNE 2012 – REVISED JULY 2014
6.7 Typical Characteristics
Figure 1. Shutdown Supply Current vs Temperature
Figure 2. Shutdown Supply Current vs Voltage
Figure 3. VIN Supply Current vs Temperature
Figure 4. VIN Supply Current vs Voltage
Figure 5. UVLO Threshold vs Temperature
Figure 6. UVLO Threshold vs Temperature
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54719


유사한 부품 번호 - TPS54719_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
More results

유사한 설명 - TPS54719_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54719 TI1-TPS54719 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com