전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLF4277-2 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 TLF4277-2
상세설명  Low Drop Out Linear Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF4277-2 데이터시트(HTML) 3 Page - Infineon Technologies AG

  TLF4277-2 Datasheet HTML 1Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 2Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 3Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 4Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 5Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 6Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 7Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 8Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Type
Package
Marking
TLF4277-2EL
PG-SSOP14 EP
4277-2
PG-SSOP14 EP
Data Sheet
3
Rev. 1.0, 2014-03-13
Low Drop Out Linear Voltage Regulator
Integrated Current Monitor
TLF4277-2EL
1Overview
Features
Integrated Current Monitor
Overvoltage, Overtemperature and Overcurrent Detection
Adjustable Output Voltage
Output Current up to 300 mA
Adjustable Output Current Limitation
Very Low Current Consumption
Very Low Dropout Voltage
Stable with Ceramic Output Capacitor of 1 µF
Wide Input Voltage Range up to 40 V
Reverse Polarity Protection
Short Circuit Protected
Overtemperature Shutdown
Automotive Temperature Range -40 °C ≤
T
j ≤ 150 °C
Green Product (RoHS and WEEE compliant)
AEC Qualified
Description
The TLF4277-2 is the ideal companion IC to supply active antennas for car infotainment applications. The
adjustable output voltage makes the TLF4277-2 capable of supplying the majority of standard active antennas
such as:
•FM/AM
•DAB
•XM
SIRIUS
The TLF4277-2 is a monolithic integrated low drop out voltage regulator capable of supplying loads up to 300 mA.
For an input voltage up to 40 V the TLF4277-2 provides an adjustable output voltage in a range from 5 V up to
12 V. The integrated current monitor function is a unique feature that provides diagnosis and system protection
functionality. Fault conditions such as overtemperature and output overvoltage are monitored and indicated at the
current sense output. The maximum output current limit of the device is adjustable to provide additional protection
to the connected load.
Via the enable function the IC can be disabled to lower the power consumption. The PG-SSOP14 EP package
provides an enhanced thermal performance within a SO8 body size.


유사한 부품 번호 - TLF4277-2

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLF4277-2EL INFINEON-TLF4277-2EL Datasheet
32Kb / 1P
   Material Content Data Sheet
16. September 2015
TLF4277-2EL INFINEON-TLF4277-2EL_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
16. September 2015
TLF4277-2EP INFINEON-TLF4277-2EP Datasheet
1Mb / 30P
   OPTIREGTM linear voltage regulator Low dropout linear voltage regulator
Rev. 1.0 2021-07-23
More results

유사한 설명 - TLF4277-2

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
   Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com