전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS54910 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TPS54910
상세설명  3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS54910 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPS54910_15 Datasheet HTML 3Page - Texas Instruments TPS54910_15 Datasheet HTML 4Page - Texas Instruments TPS54910_15 Datasheet HTML 5Page - Texas Instruments TPS54910_15 Datasheet HTML 6Page - Texas Instruments TPS54910_15 Datasheet HTML 7Page - Texas Instruments TPS54910_15 Datasheet HTML 8Page - Texas Instruments TPS54910_15 Datasheet HTML 9Page - Texas Instruments TPS54910_15 Datasheet HTML 10Page - Texas Instruments TPS54910_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TPS54910
SLVS421C − MARCH 2002 − REVISED FEBRUARY 2005
www.ti.com
7
TYPICAL CHARACTERISTICS
Figure 1
0
5
10
15
20
25
−40
0
25
85
125
VIN = 3.0 V
IO = 9 A
DRAIN-SOURCE
ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
Figure 2
0
5
10
15
20
25
−40
0
25
85
125
VIN = 3.6 V
IO = 9 A
DRAIN-SOURCE
ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
Figure 3
250
350
450
550
650
750
−40
0
25
85
125
TJ − Junction Temperature − °C
INTERNALLY SET
OSCILLATOR FREQUENCY
vs
JUNCTION TEMPERATURE
SYNC ≥ 2.5 V
SYNC ≤ 0.8 V
Figure 4
200
300
400
500
600
700
800
−40
0
25
85
125
TJ − Junction Temperature − °C
EXTERNALLY SET
OSCILLATOR FREQUENCY
vs
JUNCTION TEMPERATURE
RT = 68 kΩ
RT = 100 kΩ
RT = 180 kΩ
Figure 5
0.885
0.887
0.889
0.891
0.893
0.895
−40
0
25
85
125
TJ − Junction Temperature − °C
VOLTAGE REFERENCE
vs
JUNCTION TEMPERATURE
Figure 6
IL − Load Current − A
DEVICE POWER LOSSES
vs
LOAD CURRENT
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10121416
VI = 3.3 V
TJ = 125°C
Figure 7
0.885
0.887
0.889
0.891
0.893
0.895
3
3.1
3.2
3.3
3.4
3.5
3.6
VI − Input Voltage − V
OUTPUT VOLTAGE REGULATION
vs
INPUT VOLTAGE
Figure 8
−20
0
20
40
60
80
100
120
140
1
100
1 k
1 M
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
10
10 k 100 k
10 M
f − Frequency − Hz
ERROR AMPLIFIER
OPEN LOOP RESPONSE
Phase
Gain
RL = 10 kΩ,
CL = 160 pF,
TA = 25°C
Figure 9
2.75
2.90
3.05
3.20
3.35
3.50
3.65
−40
0
25
85
125
TJ − Junction Temperature − °C
INTERNAL SLOW-START TIME
vs
JUNCTION TEMPERATURE
3.80


유사한 부품 번호 - TPS54910_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54910 TI1-TPS54910_16 Datasheet
719Kb / 22P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

유사한 설명 - TPS54910_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910 TI1-TPS54910_16 Datasheet
719Kb / 22P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54917 TI1-TPS54917 Datasheet
952Kb / 21P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com