전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP054 데이터시트(PDF) 1 Page - Vishay Telefunken

부품명 IRFP054
상세설명  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

IRFP054 데이터시트(HTML) 1 Page - Vishay Telefunken

  IRFP054 Datasheet HTML 1Page - Vishay Telefunken IRFP054 Datasheet HTML 2Page - Vishay Telefunken IRFP054 Datasheet HTML 3Page - Vishay Telefunken IRFP054 Datasheet HTML 4Page - Vishay Telefunken IRFP054 Datasheet HTML 5Page - Vishay Telefunken IRFP054 Datasheet HTML 6Page - Vishay Telefunken IRFP054 Datasheet HTML 7Page - Vishay Telefunken IRFP054 Datasheet HTML 8Page - Vishay Telefunken IRFP054 Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 91200
www.vishay.com
S11-0447-Rev. C, 14-Mar-11
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRFP054, SiHFP054
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• Isolated Central Mounting Hole
• 175 °C Operating Temperature
•Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The
TO-247AC
package
is
preferred
for
commercial-industrial applications where higher power
levels preclude the use of TO-220AB devices. The
TO-247AC is similar but superior to the earlier TO-218
package because of its isolated mouting hole. It also
provides greater creepage distance between pins to meet
the requirements of most safety specifications.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, starting TJ = 25 °C, L = 92 μH, Rg = 25
Ω, IAS = 90 A (see fig. 12).
c. ISD
≤ 90 A, dI/dt ≤ 200 A/μs, VDD ≤ VDS, TJ ≤ 175 °C.
d. 1.6 mm from case.
e. Current limited by the package, (die current = 90 A).
PRODUCT SUMMARY
VDS (V)
60
RDS(on) (
Ω)VGS = 10 V
0.014
Qg (Max.) (nC)
160
Qgs (nC)
48
Qgd (nC)
54
Configuration
Single
N-Channel MOSFET
G
D
S
TO-247AC
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-247AC
Lead (Pb)-free
IRFP054PbF
SiHFP054-E3
SnPb
IRFP054
SiHFP054
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Currente
VGS at 10 V
TC = 25 °C
ID
70
A
Continuous Drain Current
TC = 100 °C
64
Pulsed Drain Currenta
IDM
360
Linear Derating Factor
1.5
W/°C
Single Pulse Avalanche Energyb
EAS
373
mJ
Maximum Power Dissipation
TC = 25 °C
PD
230
W
Peak Diode Recovery dV/dtc
dV/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)d
for 10 s
300
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


유사한 부품 번호 - IRFP054

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP054 IRF-IRFP054 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.014ohm, Id=70*A)
logo
Vishay Siliconix
IRFP054 VISHAY-IRFP054 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 24-Jun-08
IRFP054 VISHAY-IRFP054 Datasheet
1Mb / 9P
   Power MOSFET
Rev. C, 14-Mar-11
IRFP054 VISHAY-IRFP054 Datasheet
1Mb / 9P
   Power MOSFET
Rev. C, 14-Mar-11
logo
Inchange Semiconductor ...
IRFP054 ISC-IRFP054 Datasheet
204Kb / 2P
   N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP054

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com