전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS57112-Q1 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TPS57112-Q1
상세설명  TPS57112-Q1 2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS57112-Q1 데이터시트(HTML) 5 Page - Texas Instruments

  TPS57112-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS57112-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS57112-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS57112-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS57112-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS57112-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS57112-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS57112-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS57112-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
TPS57112-Q1
www.ti.com
SLVSAL8C – DECEMBER 2010 – REVISED FEBRUARY 2015
8 Specifications
8.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VIN
–0.3
7
EN
–0.3
7
BOOT
–0.3
PH + 7
VSENSE
–0.3
3
Input voltage
V
COMP
–0.3
3
PWRGD
–0.3
7
SS/TR
–0.3
3
RT/CLK
–0.3
7
BOOT-PH
–0.3
7
Output voltage
PH
–0.6
7
V
PH 10-ns transient
–2
10
EN
100
Source current
µA
RT/CLK
100
COMP
100
µA
Sink current
PWRGD
10
mA
SS/TR
100
µA
Junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
8.2 ESD Ratings
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
Electrostatic
V(ESD)
All pins
±500
V
Charged-device model (CDM), per AEC
discharge
Q100-011
Corner pins (1, 4, 5, 8, 9, 12, 13, 16)
±500
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V(VIN)
Input voltage
2.95
6
V
TA
Operating ambient temperature
–40
125
°C
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS57112-Q1


유사한 부품 번호 - TPS57112-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results

유사한 설명 - TPS57112-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54388-Q1 TI-TPS54388-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54388-Q1 2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57114-EP TI-TPS57114-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS57114-EP 2.95-V to 6-V Input, 3.5-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54478 TI1-TPS54478 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
JUNE2011
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com