전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SIR640ADP 데이터시트(PDF) 12 Page - Vishay Telefunken

부품명 SIR640ADP
부품 상세설명  N-Channel 40 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR640ADP 데이터시트(HTML) 12 Page - Vishay Telefunken

Back Button SIR640ADP Datasheet HTML 5Page - Vishay Telefunken SIR640ADP Datasheet HTML 6Page - Vishay Telefunken SIR640ADP Datasheet HTML 7Page - Vishay Telefunken SIR640ADP Datasheet HTML 8Page - Vishay Telefunken SIR640ADP Datasheet HTML 9Page - Vishay Telefunken SIR640ADP Datasheet HTML 10Page - Vishay Telefunken SIR640ADP Datasheet HTML 11Page - Vishay Telefunken SIR640ADP Datasheet HTML 12Page - Vishay Telefunken SIR640ADP Datasheet HTML 13Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Application Note 826
Vishay Siliconix
Document Number: 72599
www.vishay.com
Revision: 21-Jan-08
15
RECOMMENDED MINIMUM PADS FOR PowerPAK® SO-8 Single
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.260
(6.61)
0.024
(0.61)
0.150
(3.81)
0.050
(1.27)
0.032
(0.82)
0.040
(1.02)
0.026
(0.66)
Return to Index
Return to Index


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn