전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS60150 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TPS60150
상세설명  TPS60150 5-V, 140-mA Charge-Pump
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS60150 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPS60150_15 Datasheet HTML 4Page - Texas Instruments TPS60150_15 Datasheet HTML 5Page - Texas Instruments TPS60150_15 Datasheet HTML 6Page - Texas Instruments TPS60150_15 Datasheet HTML 7Page - Texas Instruments TPS60150_15 Datasheet HTML 8Page - Texas Instruments TPS60150_15 Datasheet HTML 9Page - Texas Instruments TPS60150_15 Datasheet HTML 10Page - Texas Instruments TPS60150_15 Datasheet HTML 11Page - Texas Instruments TPS60150_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
+
-
+
-
CP-
CF
CP+
Φ2
R1
R2
VOUT
ErrorAmp
SkipComp
GND
VREF
TPS60150
Regulation
CurrentLimit
SoftStart
EnableIC
3
5
4
1
6
2
VIN
ENA
Control
Biascircuit
TSD
UVLO
Φ1
OSC
1.5MHz
Φ1
Φ2
TPS60150
SLVS888C – DECEMBER 2008 – REVISED OCTOBER 2015
www.ti.com
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Enable
An enable pin on the regulator is used to place the device into an energy-saving shutdown mode. In this mode,
the output is disconnected from the input, and the input quiescent current is reduced to 10
μA maximum.
7.3.2 Undervoltage Lockout
When the input voltage drops, the undervoltage lockout prevents misoperation by switching off the device. The
converter starts operation again when the input voltage exceeds the threshold, provided the enable pin is high.
7.3.3 Thermal Shutdown Protection
The regulator has thermal shutdown circuitry that protects it from damage caused by overload conditions. The
thermal protection circuitry disables the output when the junction temperature reached approximately 160°C,
allowing the device to cool. When the junction temperature cools to approximately 140°C, the output circuitry is
automatically reenabled. Continuously running the regulator into thermal shutdown can degrade reliability. The
regulator also provides current limit to protect itself and the load.
8
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS60150


유사한 부품 번호 - TPS60150_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60150DRV TI-TPS60150DRV Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150DRVR TI-TPS60150DRVR Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150DRVR TI-TPS60150DRVR Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150DRVT TI-TPS60150DRVT Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150DRVT TI-TPS60150DRVT Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
More results

유사한 설명 - TPS60150_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60151 TI-TPS60151_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS60151 5-V and 140-mA Charge Pump
TPS60150 TI-TPS60150_09 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150 TI-TPS60150 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
REG71055-Q1 TI1-REG71055-Q1 Datasheet
465Kb / 15P
[Old version datasheet]   30-mA 5.5-V BOOST CHARGE PUMP
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111_15 Datasheet
978Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com