전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS60151 데이터시트(PDF) 14 Page - Texas Instruments

부품명 TPS60151
상세설명  TPS60151 5-V and 140-mA Charge Pump
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS60151 데이터시트(HTML) 14 Page - Texas Instruments

Back Button TPS60151_15 Datasheet HTML 10Page - Texas Instruments TPS60151_15 Datasheet HTML 11Page - Texas Instruments TPS60151_15 Datasheet HTML 12Page - Texas Instruments TPS60151_15 Datasheet HTML 13Page - Texas Instruments TPS60151_15 Datasheet HTML 14Page - Texas Instruments TPS60151_15 Datasheet HTML 15Page - Texas Instruments TPS60151_15 Datasheet HTML 16Page - Texas Instruments TPS60151_15 Datasheet HTML 17Page - Texas Instruments TPS60151_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
5ms/div
Vout
50mV/div
CH1:BW=200MHz
VIN=2.7V,
I
=0mA
O
20
s/div
m
20
s/div
m
2.7
3.2
3.7
4.2
4.7
5.2
V -InputVoltage-V
I
0
10
20
30
40
50
60
70
80
90
100
10mA
50mA
150mA
120mA
100mA
T =25°C
A
0
0.05
0.1
0.15
0.2
I
-OutputCurrent- A
O
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
5.25
T =25°C
A
3.6V
4.2V
5V
5.5V
2.7V
4.80
4.85
4.90
4.95
5.05
5.10
2.7
3.2
3.7
4.2
4.7
5.2
V -InputVoltage-V
I
5.00
T =25°C
A
10mA
50mA
150mA
120mA
100mA
TPS60151
SLVSA02A – SEPTEMBER 2009 – REVISED OCTOBER 2015
www.ti.com
9.2.3 Application Curves
Figure 13. Output Voltage vs Input Voltage
Figure 12. Output Voltage vs Output Current
Figure 14. Efficiency vs Input Voltage
Figure 15. Load Transient Response
VIN = 2.7 V, Io = 30 mA to 50 mA
Figure 16. Load Transient Response
Figure 17. Output Ripple
VIN = 3.6 V, Io = 60 mA to 100 mA
VCC = 2.7 V, Io = 0 mA
14
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS60151


유사한 부품 번호 - TPS60151_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60151DRV TI-TPS60151DRV Datasheet
1Mb / 22P
[Old version datasheet]   TPS60151 5V/140mA Charge Pump Device
TPS60151DRVR TI-TPS60151DRVR Datasheet
1Mb / 22P
[Old version datasheet]   TPS60151 5V/140mA Charge Pump Device
TPS60151DRVT TI-TPS60151DRVT Datasheet
1Mb / 22P
[Old version datasheet]   TPS60151 5V/140mA Charge Pump Device
More results

유사한 설명 - TPS60151_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
TPS60151 TI-TPS60151 Datasheet
1Mb / 22P
[Old version datasheet]   TPS60151 5V/140mA Charge Pump Device
REG71055-Q1 TI1-REG71055-Q1 Datasheet
465Kb / 15P
[Old version datasheet]   30-mA 5.5-V BOOST CHARGE PUMP
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111_15 Datasheet
978Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com