전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS60200 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TPS60200
상세설명  REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS60200 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPS60200_15 Datasheet HTML 4Page - Texas Instruments TPS60200_15 Datasheet HTML 5Page - Texas Instruments TPS60200_15 Datasheet HTML 6Page - Texas Instruments TPS60200_15 Datasheet HTML 7Page - Texas Instruments TPS60200_15 Datasheet HTML 8Page - Texas Instruments TPS60200_15 Datasheet HTML 9Page - Texas Instruments TPS60200_15 Datasheet HTML 10Page - Texas Instruments TPS60200_15 Datasheet HTML 11Page - Texas Instruments TPS60200_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS60200, TPS60201, TPS60202, TPS60203
REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP
LOW POWER DC/DC CONVERTERS
SLVS274 – MARCH 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at Ci = 2.2 µF, C1 = C2 = 1 µF, Co = 2.2 µF, TA = –40°C to 85°C, VI = 2.4 V, EN
= VI (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO(MAX) Maximum continuous output current
TPS60200 and TPS60201, VI = 2 V
100
mA
IO(MAX) Maximum continuous output current
TPS60202 and TPS60203, VI = 2 V
50
mA
1.6 V < VI < 1.8 V, 0 < IO < 0.25 × IO(MAX)
3
V
VO
Output voltage
1.8 V < VI < 2 V,
0 < IO < 0.5 × IO(MAX)
3.17
3.43
V
VO
Output voltage
2 V < VI < 3.3 V,
0 < IO < IO(MAX)
3.17
3.43
V
3.3 V < VI < 3.6 V, 0 < IO < IO(MAX)
3.17
3.47
V
VPP
Output voltage ripple
IO = IO(MAX)
5
mVPP
I(Q)
Quiescent current (no-load input current)
IO = 0 mA, VI = 1.8 V to 3.6 V
35
70
µA
I(SD)
Shutdown supply current
EN = 0 V
0.05
1
µA
f(OSC)
Internal switching frequency
200
300
400
kHz
f(SYNC)
External clock signal frequency
400
600
800
kHz
External clock signal duty cycle
30%
70%
VIL
EN input low voltage
VI = 1.6 V to 3.6 V
0.3
× VI
V
VIH
EN input high voltage
VI = 1.6 V to 3.6 V
0.7
× VI
V
Ilkg(EN)
EN input leakage current
EN = 0 V or VI
0.01
0.1
µA
Output capacitor auto discharge time
EN is set from VI to GND,
Time until VO < 0.5V
0.6
ms
Output resistance in shutdown
EN = 0V
70
LinSkip threshold
VI = 2.2V
7
mA
Output load regulation
10 mA < IO < IO(MAX); TA = 25°C
0.01
%/mA
Output line regulation
2 V < VI < 3.3 V,
IO = 0.5 x IO(MAX),
TA = 25°C
0.6
%/V
I(SC)
Short circuit current
VI = 2.4 V,
VO = 0 V
60
mA
electrical characteristics for low-battery comparator of devices TPS60200 and TPS60202 at
TA = –40°C to 85°C, VI = 2.4 V and EN = VI (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(LBI)
LBI trip voltage
VI = 1.6V to 2.2V,
Tc = 0°C to 70°C
1.13
1.18
1.23
V
LBI trip voltage hysteresis
For rising voltage at LBI
10
mV
II(LBI)
LBI input current
V(LBI) = 1.3 V
2
50
nA
VO(LBO)
LBO output voltage low
V(LBI) = 0 V,
I(LBO) = 1 mA
0.4
V
Ilkg(LBO) LBO leakage current
V(LBI) = 1.3 V,
V(LBO) = 3.3 V
0.01
0.1
µA
NOTE: During start-up of the converter the LBO output signal is invalid for the first 500
µs.
electrical characteristics for power-good comparator of devices TPS60201 and TPS60203 at
TA = –40°C to 85°C, VI = 2.4 V and EN = VI (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(PG)
Power-good trip voltage
Tc = 0°C to 70°C
0.87
× VO 0.91 × VO 0.95 × VO
V
Vhys(PG)
Power-good trip voltage hysteresis
VO decreasing, Tc = 0°C to 70°C
1%
VO(PG)
Power-good output voltage Low
VO = 0V,
I(PG) = 1 mA
0.4
V
Ilkg(PG)
Power-good leakage current
VO = 3.3 V,
V(PG) = 3.3 V
0.01
0.1
µA
NOTE: During start-up of the converter the PG output signal is invalid for the first 500
µs.


유사한 부품 번호 - TPS60200_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
More results

유사한 설명 - TPS60200_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60101 TI-TPS60101_15 Datasheet
496Kb / 24P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com