전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS60130 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS60130
상세설명  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS60130 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPS60130 Datasheet HTML 4Page - Texas Instruments TPS60130 Datasheet HTML 5Page - Texas Instruments TPS60130 Datasheet HTML 6Page - Texas Instruments TPS60130 Datasheet HTML 7Page - Texas Instruments TPS60130 Datasheet HTML 8Page - Texas Instruments TPS60130 Datasheet HTML 9Page - Texas Instruments TPS60130 Datasheet HTML 10Page - Texas Instruments TPS60130 Datasheet HTML 11Page - Texas Instruments TPS60130 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
η
Efficiency
vs Output current (TPS60310 and TPS60311)
1, 2
IS
Supply current
vs Output current
3
IQ
Quiescent current
vs Input voltage
4
VO(OUT2)
Output voltage at OUT2
vs Output current (TPS60310 and TPS60311)
5, 6
VO(OUT1)
Output voltage at OUT1
vs Output current at 25
°C, VI = 0.9 V, 1.1 V, 1.25 V, 1.4 V, 1.6 V, 1.8 V
7
VO(OUT2)
Output voltage at OUT2
vs Input voltage (TPS60310 and TPS60311)
8, 9
VO(OUT1)
Output voltage at OUT1
vs Input voltage (TPS60310 and TPS60311)
10
VO(OUT2)
Output voltage at OUT2
vs Free-air temperature (TPS60310, TPS60312, TPS60311, and TPS60313)
11, 12
VO(OUT2)
Output voltage ripple at OUT2
13
Minimum input voltage
vs Output current for TPS60310, TPS60312, TPS60311, and TPS60313
14, 15
Start-up timing enable
16
Switching frequency
vs Input voltage
17
Load transient response
18
Line transient response
19
VO
Output voltage
vs Time
20
Output voltage ripple in Snooze mode
21
TYPICAL CHARACTERISTICS
Figure 1
IO – Output Current – mA
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
VI = 0.9 V
VI = 1.25 V
VI = 1.8 V
TPS60310, TPS60312
EFFICIENCY
vs
OUTPUT CURRENT
V(Snooze) = VI
Figure 2
IO – Output Current – mA
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
VI = 0.9 V
VI = 1.25 V
VI = 1.8 V
TPS60311, TPS60313
EFFICIENCY
vs
OUTPUT CURRENT
V(Snooze) = VI


유사한 부품 번호 - TPS60130

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60130PWP TI-TPS60130PWP Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130PWP TI1-TPS60130PWP Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

유사한 설명 - TPS60130

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60210 TI1-TPS60210_17 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI-TPS60310 Datasheet
334Kb / 20P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60300 TI-TPS60300_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60300 TI1-TPS60300_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com