전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4946BEY 데이터시트(PDF) 6 Page - Vishay Telefunken

부품명 SI4946BEY
상세설명  Dual N-Channel 60-V (D-S) 175 째C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4946BEY 데이터시트(HTML) 6 Page - Vishay Telefunken

Back Button SI4946BEY Datasheet HTML 2Page - Vishay Telefunken SI4946BEY Datasheet HTML 3Page - Vishay Telefunken SI4946BEY Datasheet HTML 4Page - Vishay Telefunken SI4946BEY Datasheet HTML 5Page - Vishay Telefunken SI4946BEY Datasheet HTML 6Page - Vishay Telefunken SI4946BEY Datasheet HTML 7Page - Vishay Telefunken SI4946BEY Datasheet HTML 8Page - Vishay Telefunken SI4946BEY Datasheet HTML 9Page - Vishay Telefunken SI4946BEY Datasheet HTML 10Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number: 73411
S09-2434-Rev. C, 16-Nov-09
Vishay Siliconix
Si4946BEY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?73411.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 85 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Case
10-3
10-2
1
10-1
10-4
2
1
0.1
0.01
0.2
0.1
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.02
0.05
Single Pulse


유사한 부품 번호 - SI4946BEY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4946BEY VISHAY-SI4946BEY Datasheet
126Kb / 7P
   Dual N-Channel 60-V (D-S) 175 C MOSFET
Rev. A, 23-May-05
SI4946BEY VISHAY-SI4946BEY Datasheet
259Kb / 10P
   Dual N-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 16-Nov-09
SI4946BEY VISHAY-SI4946BEY Datasheet
193Kb / 9P
   Dual N-Channel 60-V (D-S) 175 째C MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI4946BEY TECHPUBLIC-SI4946BEY Datasheet
3Mb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI4946BEY-T1-E3 VISHAY-SI4946BEY-T1-E3 Datasheet
259Kb / 10P
   Dual N-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 16-Nov-09
More results

유사한 설명 - SI4946BEY

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
9904SS VBSEMI-9904SS Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
9962GM VBSEMI-9962GM Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
9962AGM-HF VBSEMI-9962AGM-HF Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
MDS5951URH VBSEMI-MDS5951URH Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
AM4960N-T1-PF VBSEMI-AM4960N-T1-PF Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
VBA3638 VBSEMI-VBA3638 Datasheet
723Kb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
AO4828 VBSEMI-AO4828 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
SI4906DY-T1-E3 VBSEMI-SI4906DY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
SSG9904 VBSEMI-SSG9904 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
STS3DNE60L VBSEMI-STS3DNE60L Datasheet
990Kb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com