전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7850DP 데이터시트(PDF) 7 Page - Vishay Telefunken

부품명 SI7850DP
상세설명  N-Channel 60-V (D-S) Fast Switching MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7850DP 데이터시트(HTML) 7 Page - Vishay Telefunken

Back Button SI7850DP Datasheet HTML 3Page - Vishay Telefunken SI7850DP Datasheet HTML 4Page - Vishay Telefunken SI7850DP Datasheet HTML 5Page - Vishay Telefunken SI7850DP Datasheet HTML 6Page - Vishay Telefunken SI7850DP Datasheet HTML 7Page - Vishay Telefunken SI7850DP Datasheet HTML 8Page - Vishay Telefunken SI7850DP Datasheet HTML 9Page - Vishay Telefunken SI7850DP Datasheet HTML 10Page - Vishay Telefunken SI7850DP Datasheet HTML 11Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PowerPAK® SO-8 Mounting and Thermal Considerations
Application Note AN821
www.vishay.com
Vishay Siliconix
Revision: 16-Mai-13
2
Document Number: 71622
For technical questions, contact: powermosfettechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK SO-8 DUAL
The pin arrangement (drain, source, gate pins) and the pin
dimensions of the PowerPAK SO-8 dual are the same as
standard SO-8 dual devices. Therefore, the PowerPAK
device connection pads match directly to those of the SO-8.
As in the single-channel package, the only exception is the
extended drain connection area. Manufacturers can likewise
take immediate advantage of the PowerPAK SO-8 dual
devices by mounting them to existing SO-8 dual land
patterns.
To take the advantage of the dual PowerPAK SO-8’s
thermal performance, the minimum recommended land
pattern
can
be
found
in
Application
Note
826,
Recommended
Minimum
Pad
Patterns
With
Outline
Drawing Access for Vishay Siliconix MOSFETs. Click on the
PowerPAK 1212-8 dual in the index of this document.
The gap between the two drain pads is 24 mils. This
matches the spacing of the two drain pads on the
PowerPAK SO-8 dual package.
REFLOW SOLDERING
Vishay Siliconix surface-mount packages meet solder reflow
reliability requirements. Devices are subjected to solder
reflow
as
a
test
preconditioning
and
are
then
reliability-tested using temperature cycle, bias humidity,
HAST, or pressure pot. The solder reflow temperature profile
used, and the temperatures and time duration, are shown in
figures 3 and 4.
For
the
lead
(Pb)-free
solder
profile,
see
www.vishay.com/doc?73257.
Fig. 3 Solder Reflow Temperature Profile
Fig. 4 Solder Reflow Temperatures and Time Durations
Ramp-Up Rate
+ 3 °C /s max.
Temperature at 150 - 200 °C
120 s max.
Temperature Above 217 °C
60 - 150 s
Maximum Temperature
255 + 5/- 0 °C
Time at Maximum
Temperature
30 s
Ramp-Down Rate
+ 6 °C/s max.
260 °C
3 °C(max)
6 °C/s (max.)
30 s
217 °C
150 s (max.)
Reflow Zone
60 s (min.)
Pre-Heating Zone
150 - 200 °C
Maximum peak temperature at 240 °C is allowed.


유사한 부품 번호 - SI7850DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7850DP VISHAY-SI7850DP Datasheet
45Kb / 4P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 28-May-01
SI7850DP VISHAY-SI7850DP Datasheet
485Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7850DP-T1-E3 VISHAY-SI7850DP-T1-E3 Datasheet
485Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
logo
VBsemi Electronics Co.,...
SI7850DP-T1-E3 VBSEMI-SI7850DP-T1-E3 Datasheet
1Mb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7850DP-T1-E3 VISHAY-SI7850DP-T1-E3 Datasheet
366Kb / 12P
   N-Channel 60 V (D-S) Fast Switching MOSFET
01-Jan-2022
More results

유사한 설명 - SI7850DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7460DP VISHAY-SI7460DP_09 Datasheet
500Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
SI7850DP VISHAY-SI7850DP_15 Datasheet
313Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7850DP VISHAY-SI7850DP Datasheet
45Kb / 4P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 28-May-01
SI7460DP VISHAY-SI7460DP Datasheet
64Kb / 5P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 03-Mar-03
SI7850DP VISHAY-SI7850DP_09 Datasheet
485Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7452DP VISHAY-SI7452DP Datasheet
230Kb / 3P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. B, 13-Feb-06
SI7460DP VISHAY-SI7460DP_V01 Datasheet
333Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7460DP VISHAY-SI7460DP_15 Datasheet
328Kb / 13P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
SI7850DP VISHAY-SI7850DP_V01 Datasheet
366Kb / 12P
   N-Channel 60 V (D-S) Fast Switching MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI7460DP TFUNK-SI7460DP Datasheet
332Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com