전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ31506H 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LMZ31506H
상세설명  6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMZ31506H 데이터시트(HTML) 2 Page - Texas Instruments

  LMZ31506H_15 Datasheet HTML 1Page - Texas Instruments LMZ31506H_15 Datasheet HTML 2Page - Texas Instruments LMZ31506H_15 Datasheet HTML 3Page - Texas Instruments LMZ31506H_15 Datasheet HTML 4Page - Texas Instruments LMZ31506H_15 Datasheet HTML 5Page - Texas Instruments LMZ31506H_15 Datasheet HTML 6Page - Texas Instruments LMZ31506H_15 Datasheet HTML 7Page - Texas Instruments LMZ31506H_15 Datasheet HTML 8Page - Texas Instruments LMZ31506H_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
LMZ31506H
SNVS996 – JULY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating temperature range (unless otherwise noted)
VALUE
UNIT
VIN
–0.3 to 16
V
PVIN
–0.3 to 16
V
INH/UVLO
–0.3 to 6
V
VADJ
–0.3 to 3
V
Input Voltage
PWRGD
–0.3 to 6
V
SS/TR
–0.3 to 3
V
STSEL
–0.3 to 3
V
RT/CLK
–0.3 to 6
V
PH
–1 to 20
V
Output Voltage
PH 10ns Transient
–3 to 20
V
VDIFF (GND to exposed thermal pad)
–0.2 to 0.2
V
RT/CLK
±100
µA
Source Current
PH
Current Limit
A
PH
Current Limit
A
Sink Current
PVIN
Current Limit
A
PWRGD
–0.1 to 5
mA
Operating Junction Temperature
–40 to 125(2)
°C
Storage Temperature
–65 to 150
°C
Mechanical Shock
Mil-STD-883D, Method 2002.3, 1 msec, 1/2 sine, mounted
1500
G
Mechanical Vibration
Mil-STD-883D, Method 2007.2, 20-2000Hz
20
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
See the temperature derating curves in the Typical Characteristics section for thermal information.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31506H


유사한 부품 번호 - LMZ31506H_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ31506HEVM-692 TI-LMZ31506HEVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31506HRUQR TI1-LMZ31506HRUQR Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQR TI1-LMZ31506HRUQR Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQT TI1-LMZ31506HRUQT Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQT TI1-LMZ31506HRUQT Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results

유사한 설명 - LMZ31506H_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com