전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC05132C01NMT 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 LC05132C01NMT
상세설명  Protection IC with integrated Power MOS FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC05132C01NMT 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button LC05132C01NMT Datasheet HTML 4Page - ON Semiconductor LC05132C01NMT Datasheet HTML 5Page - ON Semiconductor LC05132C01NMT Datasheet HTML 6Page - ON Semiconductor LC05132C01NMT Datasheet HTML 7Page - ON Semiconductor LC05132C01NMT Datasheet HTML 8Page - ON Semiconductor LC05132C01NMT Datasheet HTML 9Page - ON Semiconductor LC05132C01NMT Datasheet HTML 10Page - ON Semiconductor LC05132C01NMT Datasheet HTML 11Page - ON Semiconductor LC05132C01NMT Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LC05132C01NMT
www.onsemi.com
8
Pin Functions
Pin No.
Symbol
Pin Function
Description
1
S2
Charger minus voltage input pin
2
CS
Charger minus voltage input pin
3
RSTB
Charge and discharge off control terminal
( “L” = Reset )
Connected to VCC with 100k
4
VSS
Negative power input
5
VCC
VCC terminal
6
S1
Negative power input
7
Drain
Drain of FET
Exposed pad (wide)
8
Sub
IC Sub (VSS)
Exposed pad
Block Diagram
S2
S1
CS
VCC
Control Circuit
OSC
Level
Shifter
Power
Control
Over- charge
Detector
Over- discharge
Detector
1.2V
Discharge
O ver - current
Detector
DCHG _ SW
CHG _ SW
Short - circuit
Dete ctor
C harge
O ver- current
Detector
Pack minus
RSTB
1.2V
VSS
100kohm


유사한 부품 번호 - LC05132C01NMT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC05132C01MT ONSEMI-LC05132C01MT Datasheet
447Kb / 16P
   Protection IC with integrated Power MOS FET
February 2015 - Rev. 2
More results

유사한 설명 - LC05132C01NMT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC05132C01MT ONSEMI-LC05132C01MT Datasheet
447Kb / 16P
   Protection IC with integrated Power MOS FET
February 2015 - Rev. 2
LC05112CMT ONSEMI-LC05112CMT Datasheet
281Kb / 15P
   Protection IC with integrated Power MOS FET
September 2014 - Rev. 1
LC05111CMT ONSEMI-LC05111CMT Datasheet
351Kb / 17P
   Protection IC with integrated Power MOS FET
January 2015 - Rev. 2
logo
List of Unclassifed Man...
EC9525 ETC1-EC9525 Datasheet
154Kb / 9P
   LI-ION PROTECTION IC WITH POWER MOS
logo
Rohm
BD906XX ROHM-BD906XX Datasheet
1Mb / 37P
   Integrated Pch POWER MOS FET
BD6040GUL ROHM-BD6040GUL Datasheet
210Kb / 2P
   Charger Protection IC with Internal FET
logo
ON Semiconductor
NUS1204MN ONSEMI-NUS1204MN Datasheet
59Kb / 5P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS2045MN ONSEMI-NUS2045MN Datasheet
129Kb / 12P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com