전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N01S818HAT22I 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 N01S818HAT22I
상세설명  1 Mb Ultra-Low Power Serial SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S818HAT22I 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button N01S818HAT22I Datasheet HTML 4Page - ON Semiconductor N01S818HAT22I Datasheet HTML 5Page - ON Semiconductor N01S818HAT22I Datasheet HTML 6Page - ON Semiconductor N01S818HAT22I Datasheet HTML 7Page - ON Semiconductor N01S818HAT22I Datasheet HTML 8Page - ON Semiconductor N01S818HAT22I Datasheet HTML 9Page - ON Semiconductor N01S818HAT22I Datasheet HTML 10Page - ON Semiconductor N01S818HAT22I Datasheet HTML 11Page - ON Semiconductor N01S818HAT22I Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
N01S818HA
http://onsemi.com
8
Figure 14. QUAD Write Mode Register Sequence
CS
Instruction
03
2
1
SCK
C1 C0
H
L
C[1:0] = 01h
Notes:
MSB
Mode Bits
SIO[3:0]
Table 5. MODE REGISTER
Bit
Function
0
Hold Function
1 = Hold function disabled
0 = Hold function enabled (Default)
1
Reserved
2
Reserved
3
Reserved
4
Reserved
5
Reserved
6
Operating Mode
Bit 7
Bit 6
0
0 = Word Mode
1
0 = Page Mode
0
1 = Burst Mode (Default)
1
1 = Reserved
7
Power-Up State
The serial SRAM enters a know state at power-up time.
The device is in low-power standby state with CS = 1. A low
level on CS is required to enter a active state.
Table 6. ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Rating
Units
Voltage on any pin relative to VSS
VIN,OUT
–0.3 to VCC +0.3
V
Voltage on VCC Supply Relative to VSS
VCC
–0.3 to 5.5
V
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
–40 to 125
°C
Operating Temperature
TA
-40 to +85
°C
Soldering Temperature and Time
TSOLDER
260°C, 10 sec
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 7. OPERATING CHARACTERISTICS (OVER SPECIFIED TEMPERATURE RANGE)
Item
Symbol
Test Conditions
Min
Typ (Note 1)
Max
Units
Supply Voltage
VCC
1.7
2.2
V
Data Retention Voltage (Note 2)
VDR
1.0
V
Input High Voltage
VIH
0.7 VCC
VCC + 0.3
Input Low Voltage
VIL
−0.3
0.2 VCC
V
Output High Voltage
VOH
IOH = −0.4 mA
VCC − 0.2
V
Output Low Voltage
VOL
IOL = 1 mA
0.2
V
Input Leakage Current
ILI
CS = VCC, VIN = 0 to VCC
1.0
mA
Output Leakage Current
ILO
CS = VCC, VOUT = 0 to VCC
1.0
mA
Operating Current
ICC
f = 20 MHz, IOUT = 0, SPI / DUAL
10
mA
f = 20 MHz, IOUT = 0, QUAD
10
Standby Current
ISB
CS = VCC, VIN = VSS or VCC
1
5
mA
1. Typical values are measured at VCC = VCC Typ., TA = 25°C and are not 100% tested.
2. Typical lower limit of VCC when data will be retained in the memory array, not 100% tested.


유사한 부품 번호 - N01S818HAT22I

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
N01S830BA ONSEMI-N01S830BA Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830BAT22E ONSEMI-N01S830BAT22E Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830BAT22ET ONSEMI-N01S830BAT22ET Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830BAT22I ONSEMI-N01S830BAT22I Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830BAT22I ONSEMI-N01S830BAT22I Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
More results

유사한 설명 - N01S818HAT22I

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
N01S830HA ONSEMI-N01S830HA_16 Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830HA ONSEMI-N01S830HA Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com