전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N01S830BAT22IT 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 N01S830BAT22IT
상세설명  1 Mb Ultra-Low Power Serial SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S830BAT22IT 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button N01S830BAT22IT Datasheet HTML 4Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 5Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 6Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 7Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 8Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 9Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 10Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 11Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
N01S830HA, N01S830BA
http://onsemi.com
8
Figure 11. QUAD Read Mode Register Sequence (RDMR)
C[1:0] = 05h
Notes:
CS
Instruction
03
2
1
SCK
C1 C0
H
L
MSB
Mode Bits
SIO[3:0]
Write Mode Register (WRMR)
This instruction provides the ability to write the mode
register. The Write Mode Register operation is executed by
driving CS low, then sending the WRMR instruction to the
device. Immediately after the instruction, the data is driven
to the device on the SO (SIO0-3) pin(s). To complete the
operation, drive CS high to terminate the register write.
Figure 12. SPI Write Mode Register Sequence
CS
Instruction
SI
04
3
25
16
9
810
711
SCK
7
65
43
210
High−Z
Mode Register Data In
SO
00
0
00
1
0
12 13 14 15
0
Figure 13. DUAL Write Mode Register Sequence
C[3:0] = 01h
Notes:
CS
Instruction
03
2
1
SCK
C3 C2
H
L
MSB
Mode Bits
SIO[1:0]
45
L
H
C1 C0
67
Figure 14. QUAD Write Mode Register Sequence
CS
Instruction
03
2
1
SCK
C1 C0
H
L
C[1:0] = 01h
Notes:
MSB
Mode Bits
SIO[3:0]


유사한 부품 번호 - N01S830BAT22IT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
N01S830BAT22IT ONSEMI-N01S830BAT22IT Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
More results

유사한 설명 - N01S830BAT22IT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
N01S818HA ONSEMI-N01S818HA Datasheet
132Kb / 12P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HA ONSEMI-N01S830HA_16 Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com