전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1626 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 2SD1626
상세설명  For Various Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1626 데이터시트(HTML) 2 Page - ON Semiconductor

  2SD1626 Datasheet HTML 1Page - ON Semiconductor 2SD1626 Datasheet HTML 2Page - ON Semiconductor 2SD1626 Datasheet HTML 3Page - ON Semiconductor 2SD1626 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB1126 / 2SD1626
Rev.0 I Page 2 of 4 I www.onsemi.com
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
DC Current Gain
hFE1VCE=(--)2V, IC=(--)500mA
4000
hFE2VCE=(--)2V, IC=(--)10mA
3000
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)50mA
120
MHz
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)500mA, IB=(--)0.5mA
(--)0.9
(--)1.5
V
Base-to-Emitterr Saturation Voltage
VBE(sat)
IC=(--)500mA, IB=(--)0.5mA
(--)1.5
(--)2.0
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10µA, IE=0A
(--)80
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10µA, IC=0A
(--)10
V
Package Dimensions
unit : mm (typ)
7007B-004
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
2SD1626
ITR08938
04
12
10
8
26
--1.6
--1.4
--1.0
--0.6
--1.2
--0.8
--0.4
--0.2
0
0--4
--12
--8
--10
--6
--2
--0.02mA
1.6
1.4
1.0
0.6
1.2
0.8
0.4
0.2
0
0.02mA
0.04mA
0.06mA
0.08mA
--0.04mA
--0.06mA
--0.08mA
IB=0mA
ITR08937
2SB1126
IB=0mA


유사한 부품 번호 - 2SD1626

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SD1626 SANYO-2SD1626 Datasheet
81Kb / 3P
   For Various Drivers
More results

유사한 설명 - 2SD1626

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SB1126 SANYO-2SB1126 Datasheet
81Kb / 3P
   For Various Drivers
2SB880 SANYO-2SB880 Datasheet
119Kb / 4P
   For Various Drivers
2SC4671 SANYO-2SC4671 Datasheet
80Kb / 3P
   Various Drivers Applications
2SC4491 SANYO-2SC4491 Datasheet
75Kb / 3P
   L Load (Various Drivers) Switching Applications
logo
Yamaichi Electronics Co...
ZP4-080-08-G2 YAMAICHI-ZP4-080-08-G2 Datasheet
163Kb / 2P
   Header for SMT (Various Heights)
logo
Infineon Technologies A...
2PS12017E44G35911 INFINEON-2PS12017E44G35911 Datasheet
683Kb / 8P
   Stacks for various inverter application.
2016-02-09 revision:2.0
logo
New Jersey Semi-Conduct...
2N4381 NJSEMI-2N4381 Datasheet
92Kb / 1P
   VARIOUS
logo
Panasonic Semiconductor
DS1E-S-DC3V PANASONIC-DS1E-S-DC3V Datasheet
92Kb / 6P
   High Reliability Relay for Various Applications
logo
Roithner LaserTechnik G...
D-11 ROITHNER-D-11 Datasheet
64Kb / 2P
   DRIVERS for LED
logo
Renesas Technology Corp
HSM198S RENESAS-HSM198S Datasheet
140Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com