전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA3161 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LA3161
상세설명  2-Channel Preamplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA3161 데이터시트(HTML) 2 Page - ON Semiconductor

  LA3161 Datasheet HTML 1Page - ON Semiconductor LA3161 Datasheet HTML 2Page - ON Semiconductor LA3161 Datasheet HTML 3Page - ON Semiconductor LA3161 Datasheet HTML 4Page - ON Semiconductor LA3161 Datasheet HTML 5Page - ON Semiconductor LA3161 Datasheet HTML 6Page - ON Semiconductor LA3161 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA3161
www.onsemi.com
2
Package Dimensions
unit : mm
Block Diagram
AMP1
AMP2
NF1
NF2
INPUT2
INPUT1
4
5
Requlated
Voltage Circuit
OUTPUT1
OUTPUT2
3
6
1
2
8
7
GND
VCC
SIP8 22x4.5 / SIP8
CASE 127AG
ISSUE O


유사한 부품 번호 - LA3161

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA3161 SANYO-LA3161 Datasheet
187Kb / 7P
   2-Channel Preamplifier For Car Stereo?
More results

유사한 설명 - LA3161

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA3225T SANYO-LA3225T Datasheet
94Kb / 2P
   2-Channel Preamplifier Car Stereo?
LA3161 SANYO-LA3161 Datasheet
187Kb / 7P
   2-Channel Preamplifier For Car Stereo?
LA3160 SANYO-LA3160 Datasheet
189Kb / 7P
   2-Channel Preamplifier For Car Stereo
logo
Mitsubishi Electric Sem...
M52743SP MITSUBISHI-M52743SP Datasheet
136Kb / 19P
   I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
M52743BSP MITSUBISHI-M52743BSP Datasheet
140Kb / 19P
   I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
logo
List of Unclassifed Man...
LD3301-X ETC1-LD3301-X Datasheet
111Kb / 1P
   1 and 2-Channel 5V or 3.3V GMR Head Preamplifier
logo
STMicroelectronics
L6316 STMICROELECTRONICS-L6316 Datasheet
48Kb / 6P
   4-CHANNEL LOW POWER PREAMPLIFIER
logo
TEKTRONIX, INC.
ADA400A TEKTRONIX-ADA400A Datasheet
202Kb / 4P
   Differential Preamplifier
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
   Microphone Preamplifier
logo
Emcore Corporation
MAFA1014-PA EMCORE-MAFA1014-PA Datasheet
801Kb / 4P
   Optical Preamplifier
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com