전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC88F58B0A 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 LC88F58B0A
상세설명  16-bit 1-chip Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88F58B0A 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button LC88F58B0A Datasheet HTML 6Page - ON Semiconductor LC88F58B0A Datasheet HTML 7Page - ON Semiconductor LC88F58B0A Datasheet HTML 8Page - ON Semiconductor LC88F58B0A Datasheet HTML 9Page - ON Semiconductor LC88F58B0A Datasheet HTML 10Page - ON Semiconductor LC88F58B0A Datasheet HTML 11Page - ON Semiconductor LC88F58B0A Datasheet HTML 12Page - ON Semiconductor LC88F58B0A Datasheet HTML 13Page - ON Semiconductor LC88F58B0A Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LC88F58B0A
No.A1951-10/31
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port Name
Option Selected in
Units of
Option Type No.
Output Type
Pull-up Resistor
P00 to P07
P10 to P17
P20 to P27
P30 to P33
P40 to P47
P60 to P67
P70 to P72
PA0 to PA3
1 bit
1
CMOS
Programmable
2
N-channel open drain
PC2
-
-
CMOS
PC0
-
-
N-channel open drain
(32.768kHz crystal oscillator input)
None
PC1
-
-
N-channel open drain
(32.768kHz crystal oscillator output)
None
* Make the following connection to minimize the noise input to the VDD1 pin and prolong the backup time.
Be sure to electrically short the VSS1, VSS2 and VSS3 pins.
Example 1: When data is being backed up in the HOLD mode, the H level signals to the output ports are fed by the
backup capacitors.
Example 2: When data is being backed up in the HOLD mode, the H level output at any ports is not sustained and is
unpredictable.
Power
supply
For buckup
LSI
VSS1VSS2VSS3
VDD3
VDD2
VDD1
+
-
1k
Ω
2.2
μF
PC2/FILT
VDD3
VDD2
VDD1
LSI
VSS1VSS2VSS3
+
-
1k
Ω
2.2
μF
PC2/FILT
Power
supply
For buckup


유사한 부품 번호 - LC88F58B0A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
More results

유사한 설명 - LC88F58B0A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC88F83B0A ONSEMI-LC88F83B0A Datasheet
177Kb / 25P
   16-bit 1-chip Microcontroller
May, 2013 Ver.0.7
LC88F5LA4ACS ONSEMI-LC88F5LA4ACS Datasheet
250Kb / 33P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC88F85D0A ONSEMI-LC88F85D0A Datasheet
307Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.10
LC88F52H0A ONSEMI-LC88F52H0A Datasheet
220Kb / 38P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
logo
NEC
UPD784976A NEC-UPD784976A Datasheet
1Mb / 400P
   16-Bit Single-Chip Microcontroller
logo
Infineon Technologies A...
C165 INFINEON-C165 Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
logo
NEC
UPD78P4908 NEC-UPD78P4908 Datasheet
427Kb / 64P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
NXP Semiconductors
XA-H4 PHILIPS-XA-H4 Datasheet
225Kb / 42P
   Single-chip 16-bit microcontroller
1999 Sep 24
logo
Infineon Technologies A...
SAF-C165LMHA INFINEON-SAF-C165LMHA Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com