전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC88FC2H0A 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 LC88FC2H0A
상세설명  16-bit Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0A 데이터시트(HTML) 4 Page - ON Semiconductor

  LC88FC2H0A Datasheet HTML 1Page - ON Semiconductor LC88FC2H0A Datasheet HTML 2Page - ON Semiconductor LC88FC2H0A Datasheet HTML 3Page - ON Semiconductor LC88FC2H0A Datasheet HTML 4Page - ON Semiconductor LC88FC2H0A Datasheet HTML 5Page - ON Semiconductor LC88FC2H0A Datasheet HTML 6Page - ON Semiconductor LC88FC2H0A Datasheet HTML 7Page - ON Semiconductor LC88FC2H0A Datasheet HTML 8Page - ON Semiconductor LC88FC2H0A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
LC88FC2H0A
No.A2183-4/48
● UART0
<1> Data length
: 8 bits (LSB first)
<2> Start bits
: 1 bit
<3> Stop bits
: 1 bit
<4> Parity bits
: None/even parity/odd parity
<5> Transfer rate
: 4/8 cycle
<6> Baudrate source clock : P07 input signal used as a 1 cycle signal (T0PWMH can be used as a clock source) or
Timer4 cycle.
<7> Full duplex communication
Note : The “cycle” refers to one period of the baudrate clock source.
● UART2
<1> Data length
: 8 bits (LSB first)
<2> Start bits
: 1 bit
<3> Stop bits
: 1/2 bit
<4> Parity bits
: None/even parity/odd parity
<5> Transfer rate
: 8 to 4096 cycle
<6> Baudrate source clock : System clock/OSC0/OSC1/P26 input signal
<7> Wakeup function
<8> Full duplex communication
Note : The “cycle” refers to one period of the baudrate clock source.
● UART3
<1> Data length
: 8 bits (LSB first)
<2> Start bits
: 1 bit
<3> Stop bits
: 1/2 bit
<4> Parity bits
: None/even parity/odd parity
<5> Transfer rate
: 8 to 4096 cycle
<6> Baudrate source clock : System clock/OSC0/OSC1/P36 input signal
<7> Wakeup function
<8> Full duplex communication
Note : The “cycle” refers to one period of the baudrate clock source.
AD converter
<1> 12/8 bits resolution selectable
<2> Analog input : 16 channels
<3> Comparator mode
PWM
● PWM0 : Multifrequency 12-bit PWM
 2 channels (PWM0A and PWM0B)
<1> 2-channel pairs controlled independently of one another
<2> Clock source selectable from system clock or OSC1
<3> 8-bit prescaler : TPWMR0= (prescaler value + 1)
 clock period
<4> 8-bit fundamental wave PWM generator circuit + 4-bit additional pulse generator circuit
<5> Fundamental wave PWM mode
Fundamental wave period
: 16 TPWMR0 to 256 TPWMR0
High pulse width
: 0 to (Fundamental wave period - TPWMR0)
<6> Fundamental wave + additional pulse mode
Fundamental wave period
: 16 TPWMR0 to 256 TPWMR0
Overall period
: Fundamental wave period
 16
High pulse width
: 0 to (Fundamental wave period - TPWMR0)
CRC operating circuit
Watchdog timer
<1> Driven by the base timer + internal watchdog timer dedicated counter
<2> Interrupt or reset mode selectable


유사한 부품 번호 - LC88FC2H0A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
More results

유사한 설명 - LC88FC2H0A

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com