전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14521BCPG 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC14521BCPG
상세설명  24-Stage Frequency Divider
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14521BCPG 데이터시트(HTML) 4 Page - ON Semiconductor

  MC14521BCPG Datasheet HTML 1Page - ON Semiconductor MC14521BCPG Datasheet HTML 2Page - ON Semiconductor MC14521BCPG Datasheet HTML 3Page - ON Semiconductor MC14521BCPG Datasheet HTML 4Page - ON Semiconductor MC14521BCPG Datasheet HTML 5Page - ON Semiconductor MC14521BCPG Datasheet HTML 6Page - ON Semiconductor MC14521BCPG Datasheet HTML 7Page - ON Semiconductor MC14521BCPG Datasheet HTML 8Page - ON Semiconductor MC14521BCPG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC14521B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ
(Note 6)
Max
Unit
Output Rise and Fall Time (Counter Outputs)
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 12.5 ns
tTLH, tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q18
tPHL, tPLH = (1.7 ns/pF) CL + 4415 ns
tPHL, tPLH = (0.66 ns/pF) CL + 1667 ns
tPHL, tPLH = (0.5 ns/pF) CL + 1275 ns
Clock to Q24
tPHL, tPLH = (1.7 ns/pF) CL + 5915 ns
tPHL, tPLH = (0.66 ns/pF) CL + 2167 ns
tPHL, tPLH = (0.5 ns/pF) CL + 1675 ns
tPHL, tPLH
5.0
10
15
4.5
1.7
1.3
9.0
3.5
2.7
ms
5.0
10
15
6.0
2.2
1.7
12
4.5
3.5
Propagation Delay Time
Reset to Qn
tPHL = (1.7 ns/pF) CL + 1215 ns
tPHL = (0.66 ns/pF) CL + 467 ns
tPHL = (0.5 ns/pF) CL + 350 ns
tPHL
5.0
10
15
1300
500
375
2600
1000
750
ns
Clock Pulse Width
tWH(cl)
5.0
10
15
385
150
120
140
55
40
ns
Clock Pulse Frequency
fcl
5.0
10
15
3.5
9.0
12
2.0
5.0
6.5
MHz
Clock Rise and Fall Time
tTLH, tTHL
5.0
10
15
15
5.0
4.0
ms
Reset Pulse Width
tWH(R)
5.0
10
15
1400
600
450
700
300
225
ns
Reset Removal Time
trem
5.0
10
15
30
0
– 40
– 200
– 160
– 110
ns
5. The formulas given are for the typical characteristics only at 25_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Power Dissipation Test Circuit and Waveform
PULSE
GENERATOR
VDD
VDD
VDD
VSS
VSS
Q18
Q19
Q20
Q21
Q22
Q23
Q24
CL
CL
CL
CL
CL
CL
CL
ID
IN 2
R
500
mF
0.01
mF
CERAMIC
20 ns
20 ns
VDD
0 V
Vin
50% DUTY CYCLE
90%
10%
50%


유사한 부품 번호 - MC14521BCPG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14521BCPG ONSEMI-MC14521BCPG Datasheet
119Kb / 9P
   24?뭆tage Frequency Divider
June, 2006 ??Rev. 6
More results

유사한 설명 - MC14521BCPG

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
   24 STAGE FREQUENCY DIVIDER
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
   24-Stage Frequency Divider
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
   24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B Datasheet
282Kb / 8P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
HEF4521B PHILIPS-HEF4521B Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com