전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25037 데이터시트(PDF) 8 Page - Texas Instruments

부품명 LM25037
상세설명  LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM25037 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM25037_15 Datasheet HTML 4Page - Texas Instruments LM25037_15 Datasheet HTML 5Page - Texas Instruments LM25037_15 Datasheet HTML 6Page - Texas Instruments LM25037_15 Datasheet HTML 7Page - Texas Instruments LM25037_15 Datasheet HTML 8Page - Texas Instruments LM25037_15 Datasheet HTML 9Page - Texas Instruments LM25037_15 Datasheet HTML 10Page - Texas Instruments LM25037_15 Datasheet HTML 11Page - Texas Instruments LM25037_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
VIN
VCC
SS
OSCILLATOR
CLK
PWM
VCC/REF
UVLO
CS
RAMP
CLK + LEB
OUTA
DRIVER
OUTB
VCC
COMP
SS
UVLO
RES
CLK
8 PA
DRIVER
5V
Reference
REF
STANDBY
SHUTDOWN
SS
PWM
LOGIC
Standby
S
R
Q
AGND
PGND
+5V
Hiccup
RESTART DELAY
RT2
VCC
FB
ERROR
AMP
J
Q
Q
K
SET
CLR
SS Buffer
Shutdown
7.7V LDO
UVLO HYSTERESIS (22 PA)
RT1/SYNC
THERMAL LIMIT
( 165°C)
1V
Restart
Current
Source
Logic
18 PA
5k
+5V
+5V
+5V
1.25V
1.25V
0.45V
MODE
CONTROL
LOGIC
1 PA
100 PA
0.25V
SOFT-START
SOFT-STOP
100 PA
2.0V
LM25037, LM25037-Q1
SNVS572D – JULY 2008 – REVISED MARCH 2013
www.ti.com
Block Diagram
Figure 14. Simplified Block Diagram
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM25037 LM25037-Q1


유사한 부품 번호 - LM25037_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25037 TI1-LM25037_14 Datasheet
581Kb / 29P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI1-LM25037_16 Datasheet
2Mb / 37P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
More results

유사한 설명 - LM25037_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI1-LM5037_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI1-LM25037_14 Datasheet
581Kb / 29P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI1-LM25037_16 Datasheet
2Mb / 37P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI-LM5037_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM5037 Dual-Mode PWM Controller With Alternating Outputs
LM5021-Q1 TI-LM5021-Q1_15 Datasheet
4Mb / 34P
[Old version datasheet]   LM5021-Q1 AC-DC Current-Mode PWM Controller
logo
Diodes Incorporated
AZ494 DIODES-AZ494 Datasheet
537Kb / 13P
   VOLTAGE MODE DUAL OUTPUT PWM CONTROLLER
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com