전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTV20N50E 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MTV20N50E
상세설명  Power Field Effect Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTV20N50E 데이터시트(HTML) 1 Page - ON Semiconductor

  MTV20N50E Datasheet HTML 1Page - ON Semiconductor MTV20N50E Datasheet HTML 2Page - ON Semiconductor MTV20N50E Datasheet HTML 3Page - ON Semiconductor MTV20N50E Datasheet HTML 4Page - ON Semiconductor MTV20N50E Datasheet HTML 5Page - ON Semiconductor MTV20N50E Datasheet HTML 6Page - ON Semiconductor MTV20N50E Datasheet HTML 7Page - ON Semiconductor MTV20N50E Datasheet HTML 8Page - ON Semiconductor MTV20N50E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 1
1
Publication Order Number:
MTV20N50E/D
MTV20N50E
Designer’s™ Data Sheet
TMOS E−FET.
Power Field Effect
Transistor
D3PAK for Surface Mount
N−Channel Enhancement−Mode Silicon
Gate
The D3PAK package has the capability of housing the largest chip
size of any standard, plastic, surface mount power semiconductor. This
allows it to be used in applications that require surface mount
components with higher power and lower RDS(on) capabilities. This
high voltage MOSFET uses an advanced termination scheme to provide
enhanced voltage−blocking capability without degrading performance
over time. In addition, this advanced TMOS E−FET is designed to
withstand high energy in the avalanche and commutation modes. The
new energy efficient design also offers a drain−to−source diode with a
fast recovery time. Designed for high voltage, high speed switching
applications in surface mount PWM motor controls and both ac−dc and
dc−dc power supplies. These devices are particularly well suited for
bridge circuits where diode speed and commutating safe operating areas
are critical and offer additional safety margin against unexpected
voltage transients.
Robust High Voltage Termination
Avalanche Energy Specified
Source−to−Drain Diode Recovery Time Comparable to a Discrete
Fast Recovery Diode
Diode is Characterized for Use in Bridge Circuits
IDSS and VDS(on) Specified at Elevated Temperature
Short Heatsink Tab Manufactured − Not Sheared
Specifically Designed Leadframe for Maximum Power Dissipation
Available in 24 mm, 13−inch/500 Unit Tape & Reel, Add −RL Suffix
to Part Number
http://onsemi.com
TMOS POWER FET
20 AMPERES, 500 VOLTS
RDS(on) = 0.240 W
D3PAK Surface Mount
CASE 433−01
Style 2
®
D
S
G
N−Channel


유사한 부품 번호 - MTV20N50E

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MTV20N50E MOTOROLA-MTV20N50E Datasheet
273Kb / 10P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.240 OHM
logo
Inchange Semiconductor ...
MTV20N50E ISC-MTV20N50E Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - MTV20N50E

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MTM15N40E MOTOROLA-MTM15N40E Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTH6N55 MOTOROLA-MTH6N55 Datasheet
232Kb / 6P
   Power Field Effect Transistor
MTM25N10 MOTOROLA-MTM25N10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT18N20 ETC1-CMT18N20 Datasheet
199Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTP5N20 MOTOROLA-MTP5N20 Datasheet
165Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP15N05EL MOTOROLA-MTP15N05EL Datasheet
164Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT14N50 CHAMP-CMT14N50 Datasheet
253Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTM12P10 MOTOROLA-MTM12P10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP10N15 MOTOROLA-MTP10N15 Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT06N60 ETC-CMT06N60 Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com