전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4148-1 데이터시트(PDF) 13 Page - Microsemi Corporation

부품명 1N4148-1
상세설명  PERFORMANCE SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4148-1 데이터시트(HTML) 13 Page - Microsemi Corporation

Back Button 1N4148-1 Datasheet HTML 9Page - Microsemi Corporation 1N4148-1 Datasheet HTML 10Page - Microsemi Corporation 1N4148-1 Datasheet HTML 11Page - Microsemi Corporation 1N4148-1 Datasheet HTML 12Page - Microsemi Corporation 1N4148-1 Datasheet HTML 13Page - Microsemi Corporation 1N4148-1 Datasheet HTML 14Page - Microsemi Corporation 1N4148-1 Datasheet HTML 15Page - Microsemi Corporation 1N4148-1 Datasheet HTML 16Page - Microsemi Corporation 1N4148-1 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MIL-PRF-19500/116L
13
TABLE I. Group A inspection.
MIL-STD-750
Limits
Inspection 1/
Method
Conditions
Symbol
Min
Max
Unit
Subgroup 1
Visual and mechanical
inspection
2071
Subgroup 2
Thermal impedance
3101
See 4.5.5
Z6JX
70
qC/W
Forward voltage
4011
IF = 10 mA dc
VF1
0.8
V dc
Breakdown voltage
4021
IR = 100 PA dc
VBR1
100
V dc
Reverse current
1N914
1N4531
1N4148-1
4016
DC method
VR = 20 V dc
IR1
25
25
25
nA dc
nA dc
nA dc
Reverse current
4016
DC method
VR = 75 V dc
IR2
500
nA dc
Forward voltage
4011
IF = 50 mA dc
IF = 100 mA dc
IF = 100 mA dc
VF2
1.2
1.2
1.2
V dc
V dc
V dc
Subgroup 3
High temperature
operation:
TA = +150
qC
Reverse current
1N914
1N4531
1N4148-1
4016
DC method
VR = 20 V dc
IR3
35
PA dc
Reverse current
1N914
1N4531
1N4148-1
4016
DC method
VR = 75 V dc
IR4
75
75
75
PA dc
PA dc
PA dc
Forward voltage
1N914
1N4531
1N4148-1
4011
IF = 10 mA dc
VF3
0.8
0.8
0.8
V dc
V dc
V dc
See footnote at end of table.


유사한 부품 번호 - 1N4148-1

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N4148-1 MICROSEMI-1N4148-1 Datasheet
476Kb / 1P
   Silicon Switching Diode
1N4148-1 MICROSEMI-1N4148-1 Datasheet
41Kb / 2P
   SWITCHING DIODE
1N4148-1 MICROSEMI-1N4148-1 Datasheet
94Kb / 1P
   SWITCHING DIODE
1N4148-1 MICROSEMI-1N4148-1 Datasheet
325Kb / 4P
   Glass Axial Switching Diode
1N4148-1 MICROSEMI-1N4148-1 Datasheet
326Kb / 4P
   Glass Axial Switching Diode
More results

유사한 설명 - 1N4148-1

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
SMD2920P075TF-60 LEIDITECH-SMD2920P075TF-60 Datasheet
705Kb / 4P
   Performance Specification
SMD0805P050TF-12 LEIDITECH-SMD0805P050TF-12 Datasheet
802Kb / 4P
   Performance Specification
SMD2920P400TF LEIDITECH-SMD2920P400TF Datasheet
661Kb / 4P
   Performance Specification
logo
Macronix International
MX25L6435EMI-10G MCNIX-MX25L6435EMI-10G Datasheet
1Mb / 75P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM2 MCNIX-MX25L6445EM2 Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12835EMI-10G MCNIX-MX25L12835EMI-10G Datasheet
1Mb / 87P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12855EMI-10G MCNIX-MX25L12855EMI-10G Datasheet
2Mb / 81P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM MCNIX-MX25L6445EM Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6455EMI-10G MCNIX-MX25L6455EMI-10G Datasheet
3Mb / 71P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com