전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FST3126DTR2G 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 FST3126DTR2G
상세설명  4-Bit Bus Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST3126DTR2G 데이터시트(HTML) 5 Page - ON Semiconductor

  FST3126DTR2G Datasheet HTML 1Page - ON Semiconductor FST3126DTR2G Datasheet HTML 2Page - ON Semiconductor FST3126DTR2G Datasheet HTML 3Page - ON Semiconductor FST3126DTR2G Datasheet HTML 4Page - ON Semiconductor FST3126DTR2G Datasheet HTML 5Page - ON Semiconductor FST3126DTR2G Datasheet HTML 6Page - ON Semiconductor FST3126DTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FST3126
http://onsemi.com
5
VI
VOL
VOL + 0.3 V
tPLH
tPLH
VOL
VOH
VOH − 0.3 V
tPHZL
tf = 2.5 nS
90 %
1.5 V
10 %
10 %
1.5 V
90 %
tf = 2.5 nS
tPZL
tPZL
OUTPUT
1.5 V
OUTPUT
1.5 V
GND
3.0 V
tPZH
ENABLE
INPUT
tf = 2.5 nS
90 %
1.5 V
1.5 V
90 %
10 %
10 %
1.5 V
1.5 V
VOH
GND
3.0 V
SWITCH
INPUT
tf = 2.5 nS
CL*
FROM
OUTPUT
UNDER
TEST
Figure 3. AC Test Circuit
Figure 4. Propagation Delays
AC Loading and Waveforms
NOTES:
1. Input driven by 50 W source terminated in 50 W.
2. CL includes load and stray capacitance.
*CL = 50 pF
500 W
500 W
Figure 5. Enable/Disable Delays
OUTPUT


유사한 부품 번호 - FST3126DTR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FST3126DTR2G ONSEMI-FST3126DTR2G Datasheet
126Kb / 7P
   4-Bit Bus Switch
July, 2013 ??Rev. P1
More results

유사한 설명 - FST3126DTR2G

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT74FST3125 IDT-IDT74FST3125 Datasheet
73Kb / 5P
   4-BIT BUS SWITCH
logo
NXP Semiconductors
74CBTLV3126 PHILIPS-74CBTLV3126_15 Datasheet
162Kb / 17P
   4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST3126 ONSEMI-FST3126_17 Datasheet
83Kb / 7P
   4-Bit Bus Switch
December, 2017 ??Rev. 0
74FST3126 ONSEMI-74FST3126_13 Datasheet
126Kb / 7P
   4-Bit Bus Switch
July, 2013 ??Rev. P1
logo
Fairchild Semiconductor
FST3126 FAIRCHILD-FST3126_05 Datasheet
119Kb / 5P
   4-Bit Bus Switch
logo
ON Semiconductor
74FST3126 ONSEMI-74FST3126 Datasheet
80Kb / 8P
   4-Bit Bus Switch
August, 2001 ??Rev. 0
logo
Fairchild Semiconductor
FST3125 FAIRCHILD-FST3125_08 Datasheet
445Kb / 9P
   4-Bit Bus Switch
FST3126MX FAIRCHILD-FST3126MX Datasheet
121Kb / 6P
   4-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV3125 PHILIPS-74CBTLV3125_15 Datasheet
163Kb / 17P
   4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST3125 ONSEMI-FST3125 Datasheet
124Kb / 7P
   4-Bit Bus Switch
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com