전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL4050B50 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TL4050B50
상세설명  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL4050B50 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TL4050B50 Datasheet HTML 2Page - Texas Instruments TL4050B50 Datasheet HTML 3Page - Texas Instruments TL4050B50 Datasheet HTML 4Page - Texas Instruments TL4050B50 Datasheet HTML 5Page - Texas Instruments TL4050B50 Datasheet HTML 6Page - Texas Instruments TL4050B50 Datasheet HTML 7Page - Texas Instruments TL4050B50 Datasheet HTML 8Page - Texas Instruments TL4050B50 Datasheet HTML 9Page - Texas Instruments TL4050B50 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DVZ
DIZ
TL4050-Q1
SLOS588F – JUNE 2008 – REVISED APRIL 2013
www.ti.com
TL4050x41-Q1 ELECTRICAL CHARACTERISTICS
at extended temperature range, full range TA = –40°C to 125°C (unless otherwise noted)
TL4050B41-Q1
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
VZ
Reverse breakdown voltage IZ = 100 μA
25°C
4.096
V
25°C
–8.2
8.2
Reverse breakdown voltage
ΔVZ
IZ = 100 μA
mV
tolerance
Full range
–29
29
25°C
52
68
IZ,min
Minimum cathode current
μA
Full range
78
IZ = 10 mA
25°C
±30
Average temperature
IZ = 1 mA
25°C
±20
αVZ
coefficient of reverse
ppm/°C
25°C
±20
breakdown voltage
IZ = 100 μA
Full range
±50
25°C
0.2
0.9
IZ,min < IZ < 1 mA
Reverse breakdown voltage
Full range
1.2
change with cathode
mV
25°C
2
7
current change
1 mA < IZ < 15 mA
Full range
10
IZ = 1 mA,
Reverse dynamic
ZZ
f = 120 Hz,
25°C
0.5
impedance
IAC = 0.1 IZ
IZ = 100 μA,
eN
Wideband noise
25°C
93
μVRMS
10 Hz
≤ f ≤ 10 kHz
t = 1000 h,
Long-term stability of
TA = 25°C ± 0.1°C,
120
ppm
reverse breakdown voltage
IZ = 100 μA
VHYST
Thermal hysteresis(1)
ΔTA = –40°C to 125°C
1.148
mV
(1)
Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C).
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated


유사한 부품 번호 - TL4050B50

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL4050B50-Q1 TI-TL4050B50-Q1 Datasheet
618Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050B50IDBZR TI-TL4050B50IDBZR Datasheet
618Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050B50IDBZR TI-TL4050B50IDBZR Datasheet
629Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050B50IDBZR TI1-TL4050B50IDBZR Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050B50IDBZR TI1-TL4050B50IDBZR Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

유사한 설명 - TL4050B50

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com