전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2218A 데이터시트(PDF) 7 Page - Microsemi Corporation

부품명 2N2218A
상세설명  SMALL SIGNAL BIPOLAR NPN SILICON
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2218A 데이터시트(HTML) 7 Page - Microsemi Corporation

  2N2218A Datasheet HTML 1Page - Microsemi Corporation 2N2218A Datasheet HTML 2Page - Microsemi Corporation 2N2218A Datasheet HTML 3Page - Microsemi Corporation 2N2218A Datasheet HTML 4Page - Microsemi Corporation 2N2218A Datasheet HTML 5Page - Microsemi Corporation 2N2218A Datasheet HTML 6Page - Microsemi Corporation 2N2218A Datasheet HTML 7Page - Microsemi Corporation 2N2218A Datasheet HTML 8Page - Microsemi Corporation 2N2218A Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MSCO933A 10-14-98
DSW2N2218A <-> (34724)
2N2218A
FIGURE 5
FIGURE 6
.001
.01
.1
1
IB, BASE CURRENT (A)
0.50
0.75
1.00
1.25
0.50
0.75
1.00
1.25
BASE SATURATION vs BASE CURRENT
TJ = 25 C
IC = 150 ma
IC = 500 ma
.01
.1
1
10
100
REVERSE JUNCTION VOLTAGE
(V)
0
5
10
15
20
25
30
0
5
10
15
20
25
30
JUNCTION CAPACITANCE
TJ = 25 C
100 kHz < f < 1 MHz
COBO
CIBO


유사한 부품 번호 - 2N2218A

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
2N2218A SIEMENS-2N2218A Datasheet
155Kb / 6P
   NPN Silicon Planar Transistors
logo
New Jersey Semi-Conduct...
2N2218A NJSEMI-2N2218A Datasheet
81Kb / 1P
   Small Signal Transistors
logo
Fairchild Semiconductor
2N2218A FAIRCHILD-2N2218A Datasheet
378Kb / 10P
   NPN Small Signal General Purpose Amplifiers
logo
Central Semiconductor C...
2N2218A CENTRAL-2N2218A Datasheet
692Kb / 3P
   SILICON NPN TRANSISTORS
logo
Boca Semiconductor Corp...
2N2218A BOCA-2N2218A Datasheet
56Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
More results

유사한 설명 - 2N2218A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
2N2219A MCC-2N2219A Datasheet
136Kb / 9P
   SMALL SIGNAL BIPOLAR NPN SILICON
logo
Microsemi Corporation
2N2219A MICROSEMI-2N2219A Datasheet
231Kb / 2P
   SMALL SIGNAL BIPOLAR NPN SILICON
logo
Micro Commercial Compon...
2N2219A MCC-2N2219A_11 Datasheet
332Kb / 10P
   SMALL SIGNAL BIPOLAR NPN SILICON
logo
Microsemi Corporation
2N2221A MICROSEMI-2N2221A Datasheet
295Kb / 9P
   SMALL SIGNAL BIPOLAR NPN SILICON
2N2484 MICROSEMI-2N2484 Datasheet
267Kb / 10P
   SMALL SIGNAL BIPOLAR NPN SILICON
logo
Seme LAB
BC107 SEME-LAB-BC107 Datasheet
14Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BC107 NJSEMI-BC107 Datasheet
92Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
Fairchild Semiconductor
BC184L FAIRCHILD-BC184L Datasheet
23Kb / 3P
   SILICON NPN SMALL SIGNAL TRANSISTOR
BC184LC FAIRCHILD-BC184LC Datasheet
25Kb / 3P
   Silicon NPN Small Signal Transistor
BC184C FAIRCHILD-BC184C Datasheet
25Kb / 3P
   Silicon NPN Small Signal Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com