전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS7505 데이터시트(PDF) 6 Page - GOOD-ARK Electronics

부품명 SS7505
상세설명  75V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SS7505 데이터시트(HTML) 6 Page - GOOD-ARK Electronics

  SS7505_15 Datasheet HTML 1Page - GOOD-ARK Electronics SS7505_15 Datasheet HTML 2Page - GOOD-ARK Electronics SS7505_15 Datasheet HTML 3Page - GOOD-ARK Electronics SS7505_15 Datasheet HTML 4Page - GOOD-ARK Electronics SS7505_15 Datasheet HTML 5Page - GOOD-ARK Electronics SS7505_15 Datasheet HTML 6Page - GOOD-ARK Electronics SS7505_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SSF7505
75V N-Channel MOSFET
www.goodark.com
Page 6 of 7
Rev.1.0
Mechanical Data
Min
Nom
Max
Min
Nom
Max
A
4.400
4.550
4.700
0.173
0.179
0.185
A1
1.270
1.300
1.330
0.050
0.051
0.052
A2
2.590
2.690
2.790
0.102
0.106
0.110
b
0.770
-
0.900
0.030
-
0.035
b2
1.230
-
1.360
0.048
-
0.054
c
0.480
0.500
0.520
0.019
0.020
0.020
D
15.100
15.400
15.700
-
0.606
-
D1
9.000
9.100
9.200
0.354
0.358
0.362
DEP
0.050
0.285
0.520
0.002
0.011
0.020
E
10.060
10.160
10.260
0.396
0.400
0.404
E1
-
8.700
-
-
0.343
-
ФP 1
1.400
1.500
1.600
0.055
0.059
0.063
e
e1
H 1
6.100
6.300
6.500
0.240
0.248
0.256
L
12.750
12.960
13.170
0.502
0.510
0.519
L1
-
-
3.950
-
-
0.156
L2
ФP
3.570
3.600
3.630
0.141
0.142
0.143
Q
2.730
2.800
2.870
0.107
0.110
0.113
Q 1
-
0.200
-
-
0.008
-
ϴ1
5
0
7
0
9
0
5
0
7
0
9
0
ϴ2
1
0
3
0
5
0
1
0
3
0
5
0
0.073REF
5.08BSC
0.2BSC
Symbol
Dimension In Millimeters
Dimension In Inches
2.54BSC
0.1BSC
1.85REF
TO220 PACKAGE OUTLINE DIMENSION


유사한 부품 번호 - SS7505_15

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results

유사한 설명 - SS7505_15

제조업체부품명데이터시트상세설명
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
   75V N-Channel MOSFET
SSF7508 GOOD-ARK-SSF7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSPL7508 GOOD-ARK-SSPL7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7607 GOOD-ARK-SSF7607 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
logo
Pan Jit International I...
PJD12N08 PANJIT-PJD12N08 Datasheet
383Kb / 8P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7509 GOOD-ARK-SSF7509_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com