전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS566250DDAR 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS566250DDAR
상세설명  TPS566250 4.5-V to 17-V Input, 6-A Synchronous Step-Down Converter With VID Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS566250DDAR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPS566250DDAR Datasheet HTML 6Page - Texas Instruments TPS566250DDAR Datasheet HTML 7Page - Texas Instruments TPS566250DDAR Datasheet HTML 8Page - Texas Instruments TPS566250DDAR Datasheet HTML 9Page - Texas Instruments TPS566250DDAR Datasheet HTML 10Page - Texas Instruments TPS566250DDAR Datasheet HTML 11Page - Texas Instruments TPS566250DDAR Datasheet HTML 12Page - Texas Instruments TPS566250DDAR Datasheet HTML 13Page - Texas Instruments TPS566250DDAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TPS566250
SLVSCV3B – MARCH 2015 – REVISED JUNE 2015
www.ti.com
Feature Description (continued)
8.3.2 PWM Frequency and Adaptive On-Time Control
TPS566250 uses an adaptive on-time control scheme and does not have a dedicated on board oscillator. The
device runs with a pseudo-constant frequency of 650 kHz by using the input voltage and output voltage to set the
on-time timer. The on-time is inversely proportional to the input voltage and proportional to the output voltage,
therefore, when the duty ratio is VOUT/VIN, the switching frequency is constant.
8.3.3 Soft Start and Pre-Biased Soft Start
The TPS566250 has an internal 1 ms soft-start. When the EN pin becomes high, internal soft-start function
begins ramping up the reference voltage to the PWM comparator. The device contains a unique circuit to prevent
sinking current from the output during startup if the output is pre-biased. When the soft-start commands a voltage
higher than the pre-bias level (internal soft start becomes greater than feedback voltage FB), the controller slowly
activates synchronous rectification by starting the first low side FET gate driver pulses with a narrow on-time. It
then increments that on-time on a cycle-by-cycle basis until it coincides with the time dictated by (1-D), where D
is the duty cycle of the converter. This scheme prevents the initial sinking of the pre-bias output, and ensure that
the out voltage (VOUT) starts and ramps up smoothly into regulation and the control loop is given time to transition
from output pre-biased startup to normal mode operation.
8.3.4 Overcurrent Protection
The output overcurrent protection (OCP) is implemented using a cycle-by-cycle valley detect control circuit. The
switch current is monitored by measuring the low-side FET switch voltage between the SW pin and GND. This
voltage is proportional to the switch current. To improve accuracy, the voltage sensing is temperature
compensated.
During the on time of the high-side FET switch, the switch current increases at a linear rate determined by VIN,
VOUT, the on-time and the output inductor value. During the on time of the low-side FET switch, this current
decreases linearly. The average value of the switch current is the load current IOUT. The device constantly
monitors the low-side FET switch voltage, which is proportional to the switch current, during the low-side on-time.
If the measured voltage is above the voltage proportional to the current limit, the converter maintains the low-side
switch on until the measured voltage is below the voltage corresponding to the current limit at which time the
switching cycle is terminated and a new switching cycle begins. In subsequent switching cycles, the on-time is
set to a fixed value and the current is monitored in the same manner. If the overcurrent condition exists for 7
consecutive switching cycles, the internal OCL threshold is set to a lower level, reducing the available output
current. When a switching cycle occurs where the switch current is not above the lower OCL threshold, the
counter is reset and the OCL limit is returned to the higher value.
There are some important considerations for valley overcurrent protection. The average load current is half the
peak-to-peak inductor current plus the valley overcurrent threshold during current limit. The output voltage falls
as the demanded load current exceeds the current limit. When the FB voltage becomes lower than 65% of the
target voltage, the UVP comparator detects it and the Hiccup sequence is initiated. After 10 µs detecting the UVP
voltage, device shuts down and re-starts after the hiccup time.
When the over current condition is removed, the output voltage returns to the regulated value.
8.3.5 UVLO Protection
Undervoltage lock out protection (UVLO) monitors the voltage of the VIN terminal. When the VIN voltage is lower
than UVLO threshold voltage, the device is shut off. This protection is non-latching.
8.3.6 Thermal Shutdown
TPS566250 monitors the temperature of itself. If the temperature exceeds the threshold value (typically 165°C),
the device is shut off. This is non-latch protection.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS566250


유사한 부품 번호 - TPS566250DDAR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS566231 TI1-TPS566231 Datasheet
1Mb / 31P
[Old version datasheet]   TPS566231, TPS566238 3-V to 17-V Input, 6-A Synchronous Step-Down Voltage Regulator
TPS566231 TI-TPS566231 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56623x 3-V to 18-V Input, 6-A Synchronous Step-Down Voltage Regulator
TPS566231P TI-TPS566231P Datasheet
1Mb / 30P
[Old version datasheet]   TPS56623x 3-V to 18-V Input, 6-A Synchronous Step-Down Voltage Regulator
TPS566231PRQFR TI-TPS566231PRQFR Datasheet
1Mb / 30P
[Old version datasheet]   TPS56623x 3-V to 18-V Input, 6-A Synchronous Step-Down Voltage Regulator
TPS566231RQFR TI1-TPS566231RQFR Datasheet
1Mb / 31P
[Old version datasheet]   TPS566231, TPS566238 3-V to 17-V Input, 6-A Synchronous Step-Down Voltage Regulator
More results

유사한 설명 - TPS566250DDAR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622_17 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT Converter With Hiccup Protection
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com