전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2843A-Q1 데이터시트(PDF) 1 Page - Texas Instruments

부품명 UC2843A-Q1
상세설명  CURRENT-MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC2843A-Q1 데이터시트(HTML) 1 Page - Texas Instruments

  UC2843A-Q1_15 Datasheet HTML 1Page - Texas Instruments UC2843A-Q1_15 Datasheet HTML 2Page - Texas Instruments UC2843A-Q1_15 Datasheet HTML 3Page - Texas Instruments UC2843A-Q1_15 Datasheet HTML 4Page - Texas Instruments UC2843A-Q1_15 Datasheet HTML 5Page - Texas Instruments UC2843A-Q1_15 Datasheet HTML 6Page - Texas Instruments UC2843A-Q1_15 Datasheet HTML 7Page - Texas Instruments UC2843A-Q1_15 Datasheet HTML 8Page - Texas Instruments UC2843A-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
FEATURES
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
COMP
VFB
ISENSE
RT/CT
VREF
VCC
OUTPUT
GND
DESCRIPTION/ORDERING INFORMATION
UC2843A-Q1
www.ti.com........................................................................................................................................................................................................ SGLS384 – MAY 2008
CURRENT-MODE PWM CONTROLLER
• Qualified for Automotive Applications
• Extended Temperature Performance of
–40
°C to 125°C
• Optimized for Off-Line and DC-to-DC
Converters
• Low Start-Up Current (<0.5 mA)
• Trimmed Oscillator-Discharge Current
• Automatic Feed-Forward Compensation
• Pulse-by-Pulse Current Limiting
• Enhanced Load-Response Characteristics
• Under-Voltage Lockout With Hysteresis
• Double-Pulse Suppression
• High-Current Totem-Pole Output
• Internally Trimmed Bandgap Reference
• 500-kHz Operation
• Low R
O Error Amp
The UC2843A control IC is a pin-for-pin compatible improved version of the UC2843. Providing the necessary
features to control current mode switched mode power supplies, this device has the following improved features.
Start up current is specified to be less than 0.5 mA. Oscillator discharge is trimmed to 8.3 mA. During
undervoltage lockout, the output stage can sink at least 10 mA at less than 1.2 V for VCC over 5 V.
MAXIMUM DUTY
PART NUMBER
UVLO ON
UVLO OFF
CYCLE
UC2843A
8.5 V
7.9 V
<100%
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 125°C
SOIC-8 – D8
Reel of 2500
UC2843AQD8RQ1
UC2843AQ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - UC2843A-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2843A-Q1 TI1-UC2843A-Q1 Datasheet
268Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

유사한 설명 - UC2843A-Q1_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com