전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA78L12ACDRG4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 UA78L12ACDRG4
상세설명  關A78L00 Series Positive-Voltage Regulators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UA78L12ACDRG4 데이터시트(HTML) 1 Page - Texas Instruments

  UA78L12ACDRG4 Datasheet HTML 1Page - Texas Instruments UA78L12ACDRG4 Datasheet HTML 2Page - Texas Instruments UA78L12ACDRG4 Datasheet HTML 3Page - Texas Instruments UA78L12ACDRG4 Datasheet HTML 4Page - Texas Instruments UA78L12ACDRG4 Datasheet HTML 5Page - Texas Instruments UA78L12ACDRG4 Datasheet HTML 6Page - Texas Instruments UA78L12ACDRG4 Datasheet HTML 7Page - Texas Instruments UA78L12ACDRG4 Datasheet HTML 8Page - Texas Instruments UA78L12ACDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PK PACKAGE
(TOP VIEW)
INPUT
COMMON
OUTPUT
LP PACKAGE
(TO-92, TO-226AA)
(TOP VIEW)
INPUT
COMMON
OUTPUT
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
OUTPUT
COMMON
COMMON
NC
INPUT
COMMON
COMMON
NC
NC – No internal connection
μA78L00
www.ti.com
SLVS010U – JANUARY 1976 – REVISED MAY 2011
μA78L00 Series Positive-Voltage Regulators
Check for Samples:
μA78L00
1
FEATURES
DESCRIPTION
This series of fixed-voltage integrated-circuit voltage
3-Terminal Regulators
regulators
is
designed
for
a
wide
range
of
Output Current up to 100 mA
applications.
These
applications
include
on-card
No External Components
regulation for elimination of noise and distribution
problems associated with single-point regulation. In
Internal Thermal-Overload Protection
addition, they can be used with power-pass elements
Internal Short-Circuit Current Limiting
to make high-current voltage regulators. One of these
regulators can deliver up to 100 mA of output current.
The internal limiting and thermal-shutdown features of
these regulators essentially make them immune to
overload. When used as a replacement for a Zener
diode-resistor combination, an effective improvement
in output impedance can be obtained, together with
lower bias current.
The
μA78L00C and μA78L00AC series devices are
characterized for operation over the virtual junction
temperature range of 0°C to 125°C. The
μA78L05AI
device is characterized for operation over the virtual
junction temperature range of
−40°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1976–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - UA78L12ACDRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA78L12ACDRG4 TI-UA78L12ACDRG4 Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACDRG4 TI-UA78L12ACDRG4 Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L12ACDRG4 TI-UA78L12ACDRG4 Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACDRG4 TI-UA78L12ACDRG4 Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACDRG4 TI-UA78L12ACDRG4 Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

유사한 설명 - UA78L12ACDRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA78L06A TI-UA78L06A_15 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L00 TI-UA78L00 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L02A TI-UA78L02A_15 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L05 TI-UA78L05 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78M05 TI-UA78M05_15 Datasheet
1Mb / 29P
[Old version datasheet]   關A78Mxx Positive-Voltage Regulators
UA7808_15 TI-UA7808_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   關A78xx Fixed Positive Voltage Regulators
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com