전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA78L12ACLPME3 데이터시트(PDF) 3 Page - Texas Instruments

부품명 UA78L12ACLPME3
상세설명  關A78L00 Series Positive-Voltage Regulators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UA78L12ACLPME3 데이터시트(HTML) 3 Page - Texas Instruments

  UA78L12ACLPME3 Datasheet HTML 1Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 2Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 3Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 4Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 5Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 6Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 7Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 8Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
μA78L00
www.ti.com
SLVS010U – JANUARY 1976 – REVISED MAY 2011
Absolute Maximum Ratings
(1)
over virtual junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
μA78L02AC, μA78L05C–μA78L09C, μA78L10AC
30
VI
Input voltage
V
μA78L12C, μA78L12AC, μA78L15C, μA78L15AC
35
TJ
Virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Package Thermal Data
(1)
PACKAGE
BOARD
θJC
θJA
SOIC (D)
High K, JESD 51-7
39°C/W
97°C/W
TO-92/TO-226AA (LP)
High K, JESD 51-7
55°C/W
140°C/W
SOT-89 (PK)
High K, JESD 51-7
9°C/W
52°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. Due to variations in
individual device electrical characteristics and thermal resistance, the built-in thermal-overload protection may be activated at power
levels slightly above or below the rated dissipation.
Recommended Operating Conditions
MIN
MAX
UNIT
μA78L02AC
4.75
20
μA78L05C, μA78L05AC
7
20
μA78L06C, μA78L06AC
8.5
20
μA78L08C, μA78L08AC
10.5
23
VI
Input voltage
V
μA78L09C, μA78L09AC
11.5
24
μA78L10AC
12.5
25
μA78L12C, μA78L12AC
14.5
27
μA78L15C, μA78L15AC
17.5
30
IO
Output current
100
mA
μA78LxxC and μA78LxxAC series
0
125
TJ
Operating virtual junction temperature
°C
μA78L05AI
–40
125
Copyright © 1976–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :μA78L00


유사한 부품 번호 - UA78L12ACLPME3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA78L12ACLPME3 TI-UA78L12ACLPME3 Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACLPME3 TI-UA78L12ACLPME3 Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACLPME3 TI-UA78L12ACLPME3 Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACLPME3 TI-UA78L12ACLPME3 Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACLPME3 TI-UA78L12ACLPME3 Datasheet
707Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

유사한 설명 - UA78L12ACLPME3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA78L06A TI-UA78L06A_15 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L00 TI-UA78L00 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L02A TI-UA78L02A_15 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L05 TI-UA78L05 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78M05 TI-UA78M05_15 Datasheet
1Mb / 29P
[Old version datasheet]   關A78Mxx Positive-Voltage Regulators
UA7808_15 TI-UA7808_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   關A78xx Fixed Positive Voltage Regulators
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com