전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC824206XA--VH 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 LC824206XA--VH
상세설명  5:1 Micro USB Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC824206XA--VH 데이터시트(HTML) 5 Page - ON Semiconductor

  LC824206XA--VH Datasheet HTML 1Page - ON Semiconductor LC824206XA--VH Datasheet HTML 2Page - ON Semiconductor LC824206XA--VH Datasheet HTML 3Page - ON Semiconductor LC824206XA--VH Datasheet HTML 4Page - ON Semiconductor LC824206XA--VH Datasheet HTML 5Page - ON Semiconductor LC824206XA--VH Datasheet HTML 6Page - ON Semiconductor LC824206XA--VH Datasheet HTML 7Page - ON Semiconductor LC824206XA--VH Datasheet HTML 8Page - ON Semiconductor LC824206XA--VH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LC824206XA
No.A2222-5/15
Recommended Operating Conditions at Ta = 25
C
Parameter
Symbol
Min
Max
Unit
Condition
VBAT voltage
VBAT
3.1
4.6
V
VBUS voltage
VBUS
4.5
5.5
V
AUDIO input range
VSW_AUDIO
1.4
1.4
V
MIC(DP) input range
VSW_MICDP
0
2.5
V
Bias < 2.0 V,
1.0 Vpp
MIC(VBUS) input range
VSW_MICVBUS
0
2.5
V
Bias < 2.0 V,
1.0 Vpp
Stereo-MIC input range
VSW_SMIC
0
2.5
V
Bias < 2.0 V,
1.0 Vpp
CBUS input range
VSW_VCBUS
0
1.9
V
VIDEO input range
VSW_VIDEO
1.4
1.4
V
1.0 Vpp
USB input range
VUSBin
0
3.6
V
USB2(MHL) input range
VMHLin
0
3.6
V
UART input range
VUARTin
0
3.6
V
OTG voltage
*1)
VOTGin
4.5
5.5
V
Other signal input
*2)
Vin
0
3.6
V
Allowed capacitance of load of
accessory ID pin
IDcap
300
pF
* 1) OTG current is permitted to 350 mA.
* 2) Other signal input signifies I2C_SCL, I2C_SDA, RESETB, pin.


유사한 부품 번호 - LC824206XA--VH

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC824204-13YB-VH ONSEMI-LC824204-13YB-VH Datasheet
343Kb / 14P
   4:1 Micro USB Switch
October, 2013 Ver. 1.0
More results

유사한 설명 - LC824206XA--VH

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ENA2221 ONSEMI-ENA2221 Datasheet
343Kb / 14P
   4:1 Micro USB Switch
October, 2013 Ver. 1.0
logo
Texas Instruments
TSU6111 TI1-TSU6111 Datasheet
869Kb / 25P
[Old version datasheet]   SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
logo
Tripp Lite. All Rights ...
U426-003 TRIPPLITE-U426-003 Datasheet
178Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Micro-B (M/M), 3 ft.
U05206N TRIPPLITE-U05206N Datasheet
470Kb / 2P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB A to USB A M-F, 6-in
logo
Molex Electronics Ltd.
47346-0001 MOLEX-47346-0001 Datasheet
115Kb / 2P
   Micro-USB
logo
Tripp Lite. All Rights ...
U052-06N TRIPPLITE-U052-06N Datasheet
155Kb / 3P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB B to USB A M/F, 6-in.
logo
Wurth Elektronik GmbH &...
629105136821 WURTH-629105136821 Datasheet
519Kb / 2P
   MICRO USB 2.0 SMT TYPE B 5 CONTACTS
logo
Tripp Lite. All Rights ...
U052-06N-WH TRIPPLITE-U052-06N-WH Datasheet
160Kb / 3P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin USB Micro-B to USB-A (M/F), White, 6 in.
logo
Texas Instruments
TSU6712 TI1-TSU6712 Datasheet
738Kb / 43P
[Old version datasheet]   SP4T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND VIDEO
MAY2011
TSU5511 TI1-TSU5511 Datasheet
363Kb / 25P
[Old version datasheet]   SP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com