전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC824206XA--VH 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 LC824206XA--VH
상세설명  5:1 Micro USB Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC824206XA--VH 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button LC824206XA--VH Datasheet HTML 5Page - ON Semiconductor LC824206XA--VH Datasheet HTML 6Page - ON Semiconductor LC824206XA--VH Datasheet HTML 7Page - ON Semiconductor LC824206XA--VH Datasheet HTML 8Page - ON Semiconductor LC824206XA--VH Datasheet HTML 9Page - ON Semiconductor LC824206XA--VH Datasheet HTML 10Page - ON Semiconductor LC824206XA--VH Datasheet HTML 11Page - ON Semiconductor LC824206XA--VH Datasheet HTML 12Page - ON Semiconductor LC824206XA--VH Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LC824206XA
No.A2222-9/15
Resistance (RID) and Detectable Accessory
RID
Detectable Accessory
Comments
240k + 47k
(275k-294k)
Audio with MIC (Stereo)
Audio with VBUS (Stereo)
MIC-SW turns off
when VBUS Detection
200k
(198k-202k)
Std Charger (Typ1Charger)
Charger 5Wire/Type1
(D+/D- : Shorted)
Carkit (Type1)
BasicCarkit 5Wire / type1
also used for Muting (D- : High)
150k-180k
UART
119k-124k-132k
RID_A
ACA A-device (RID_A)
Vbus come fm Charger
100k-102k
(96k-106k)
Audio (Stereo)
Headset / Stereo
Phone Powered Accessory
(D+/D- : Not shorted)
65k- 68k-72k
RID_B
ACA B-device,
no connect (RID_B)
Vbus come fm Charger can SRP
35k-36.5k-39k
RID_C
ACA B-device,
no connect (RID_C)
Vbus come fm Charger no SRP
20k
Custom Accessory
14k
Stereo-MIC
9.8k
Stereo-MIC
7k
Custom Accessory
4k
Custom Accessory
3.1k
Custom Accessory with VBUS
(D+/D- : Not shorted)
2.5k
Custom Accessory
0.8k-1.2k
MHL with VBUS
(D+/D- : Not shorted)
75
Video
Video with VBUS
(D+/D- : Not shorted)
0-10
USB-OTG Host


유사한 부품 번호 - LC824206XA--VH

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC824204-13YB-VH ONSEMI-LC824204-13YB-VH Datasheet
343Kb / 14P
   4:1 Micro USB Switch
October, 2013 Ver. 1.0
More results

유사한 설명 - LC824206XA--VH

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ENA2221 ONSEMI-ENA2221 Datasheet
343Kb / 14P
   4:1 Micro USB Switch
October, 2013 Ver. 1.0
logo
Texas Instruments
TSU6111 TI1-TSU6111 Datasheet
869Kb / 25P
[Old version datasheet]   SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
logo
Tripp Lite. All Rights ...
U426-003 TRIPPLITE-U426-003 Datasheet
178Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Micro-B (M/M), 3 ft.
U05206N TRIPPLITE-U05206N Datasheet
470Kb / 2P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB A to USB A M-F, 6-in
logo
Molex Electronics Ltd.
47346-0001 MOLEX-47346-0001 Datasheet
115Kb / 2P
   Micro-USB
logo
Tripp Lite. All Rights ...
U052-06N TRIPPLITE-U052-06N Datasheet
155Kb / 3P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB B to USB A M/F, 6-in.
logo
Wurth Elektronik GmbH &...
629105136821 WURTH-629105136821 Datasheet
519Kb / 2P
   MICRO USB 2.0 SMT TYPE B 5 CONTACTS
logo
Tripp Lite. All Rights ...
U052-06N-WH TRIPPLITE-U052-06N-WH Datasheet
160Kb / 3P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin USB Micro-B to USB-A (M/F), White, 6 in.
logo
Texas Instruments
TSU6712 TI1-TSU6712 Datasheet
738Kb / 43P
[Old version datasheet]   SP4T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND VIDEO
MAY2011
TSU5511 TI1-TSU5511 Datasheet
363Kb / 25P
[Old version datasheet]   SP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com