전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

XL1530 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 XL1530
부품 상세설명  3A 380KHz 18V Buck DC to DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

XL1530 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

  XL1530 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL1530 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL1530 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL1530 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL1530 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL1530 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL1530 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL1530 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL1530 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Datasheet
3A 380KHz 18V Buck DC to DC Converter
XL1530
Rev 1.0
www.xlsemi.com
8
Typical System Application for 12V ~ 5V/3A Version
XL1530
CIN
220uf/35V
C1
105
R1
2K
R2
10.5K
CFF 33n
COUT
220uf/35V
D1 1N5821
L 33uh/3A
+12V
LOAD
4
7,8
2
5,6
1
GND
VIN
FB
SW
EN
ON
OFF
VOUT 5V/3A
12V ~ 5V/3A
VOUT=0.8*(1+R2/R1)
Figure6. XL1530 System Parameters Test Circuit (12V ~ 5V/3A)
Typical System Application for 12V ~ 3.3V/3A
Figure7. XL1530 System Parameters Test Circuit (12V ~ 3.3V/3A)


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn