전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GN70-B7056 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 GN70-B7056
상세설명  High-end dual-socket server platform for HPC and enterprice virtualization applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

GN70-B7056 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  GN70-B7056 Datasheet HTML 1Page - List of Unclassifed Manufacturers GN70-B7056 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
TYAN Business Unit
MITAC INTERNATIONAL CORP.
GN70-B7056
B7056G70V8HR / B7056G70W8HR /
B7056G70W8HR-2T
(2) ERP1U 770W/ 700W PSUs
80-PLUS Gold (different SKUs)
Hot-swap System FANs
(4) 6038
(8) 6038 are required for
GPU deployment
M7056-L24-3F
(1) FH/FL PCI-E G3 x16 slot (x16/x8)
+ (1) FH/FL PCI-E G3 x8 slot (x0/x8)
+ (1) FH/HL PCI-E G3 x8 slot
S7056GM3NR
(2) LGA2011 sockets
(16) R-DDR3 1600/1333/1066MHz
(3) GbE ports
M1245G70-BP6-8
8-port SAS 6G/SATA-II
HDD backplane board
M1709G70-FPB
Front Panel Board
M7056-R24-3F
(1) FH/FL PCI-E G3 x8 slot (x0/x8)
+ (1) FH/FL PCI-E G3 x16 slot (x16/x8)
+ (1) FH/HL PCI-E G3 x8 slot
(Specifications are subject to change without notice. Items pictured may only be representative.)
Storage
GOLD
2U Rackmount
GN70
3.43" x 16.93" x 27.56" (87 x 430 x 700mm)
S7056GM3NR / S7056WGM3NR /
S7056WGM3NR-2T
26KG
(1) PWR (w/ LED) / (1) RST / (1) NMI / (1) ID
(1) ID / (1) Warning / (1) Reserved
(3) LAN
(2) USB ports
3.5" Hot-Swap / (8)
8-bay for 3.5"HDD ,6Gb/s mini-SAS
backplane
System Cooling
Configuration
up to (8) 6cm hot-swap fans (Default 4 hot-
sawp FANs)
ERP1U
Full-range AC(100-240V)
47 - 63 Hertz
770 Watts
PFC / 80-PLUS Gold
Intel® Xeon® Processor E5-2600/E5-2600 v2
Socket R (2)
Up to 130W*
QPI link upto 8GT/s
Intel® C602
-
(8+8) DIMM slots
UDIMM/RDIMM/LRDIMM ECC 1066/1333/
1600/1866
*Speed 1866 only for 1 slot per channel 1.5V
(Blue color DIMM slot )
up to 128GB UDIMM / 512GB RDIMM /
512GB LRDIMM
4 Channels per CPU
1.5V/ 1.35V
up to (6) PCI-E x8 slots by Riser Card
M7056-L24-3F, PCI-E x16 2U riser card (left)
M7056-R24-3F, PCI-E x16 2U riser card (right)
(3) GbE ports
Intel® 82574L + Intel® I350-BT2
Intel® 82574L + Intel® X540 (-2T SKU)
Recommended TYAN®
Riser Card
PCI-E
Average CPU Power
(ACP) wattage
System Bus
Capacity
Memory channel
LAN
Port Q'ty
Controller
Memory
Chipset
Super I/O
Efficiency
Memory voltage
Processor
Supported CPU Series
Socket Type / Q'ty
Chipset
Supported DIMM Qty
DIMM Type / Speed
Expansion Slots
Output Watts
Gross Weight
System
(Recommend
Chassis)
Buttons
FAN
Power Supply
Type
Input Range
Frequency
Supported HDD
Interface
Type / Q'ty
Motherboard
External Drive
Bay
Form Factor
Chassis Name
Dimension (H x W x D)
LEDs
I/O Ports
Front Panel
Controller
Intel® Integrated RAID upgrade ROM 5 (-W
SKU)
Speed
3.0 Gb/s
RAID
RAID 0/1/10
Controller
Intel® C602 series
Speed
6.0 Gb/s
RAID
RAID 0/1/10/5 (INTEL RAID stack)
D-Sub 15-pin
up to 1920 x 1200
Aspeed AST2300
(7) USB2.0 ports (2 at rear, 4 via cable, 1 type
A onboard)
(1) port (rear)
(1) D-Sub 15-pin VGA port
(2) SATA II connectors
(3) GbE ports
Nuvoton 83773G
Monitors voltage for CPU, memory, chipset &
power supply
Monitors temperature for CPU & system
environment
Fan fail LED indicator
Over temperature warning indicator
Chassis intrusion detection
Watchdog timer support
AMI / 8MB
Plug and Play (PnP) /PCI2.3 /WfM2.0
/SMBIOS2.3 /PXE boot / ACPI 2.0 power
management /Power on mode after power
recovery / User-configurable H/W monitoring /
Auto-configurable of hard disk types
Class A
Yes
10° C ~ 35° C (50° F~ 95° F)
- 40° C ~ 70° C (-40° F ~ 158° F)
90%, non-condensing at 35° C
RoHS
Yes
RJ-45
VGA
System
Monitoring
Temperature
COM
Graphic
Connector type
Resolution
Input /Output
USB
BIOS
Regulation
FCC (DoC)
CE (DoC)
SATA
SAS
(opt.)
Storage
Chipset
Operating
Environment
Operating Temp.
Non-operating Temp.
In/Non-operating
Humidity
RoHS 6/6 Complaint
Chipset
Voltage
Temperature
Brand / ROM size
Feature
LED (On system front
panel)
USA
Tel: +1-510-651-8868
Fax: +1-510-651-7688
Taiwan
Tel: +886-2-2652-5888
Fax: +886-2-2652-5805
China
Shanghai Tel: +86-21-61431188 Ext 1366
China Tel:-86-010-62555015 Ext 8302
Japan
Tel: +81-3-3769-8311
Fax: +81-3-3769-8328
Europe
Sales: +32 2456 1721
Technical Support: +32 2456 1722
M1601T70-D-PDB
Power Distribution Board


유사한 부품 번호 - GN70-B7056

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GN70-B7086 ETC2-GN70-B7086 Datasheet
1Mb / 2P
   2U Rack-Optimized Server Platform for HPC
More results

유사한 설명 - GN70-B7056

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
S7012 ETC2-S7012 Datasheet
1,022Kb / 2P
   High-end dual-socket server platform for HPC and server virtualization applications
S8232 ETC2-S8232 Datasheet
876Kb / 2P
   High-End Dual-socket server platform for HPC
S7017 ETC2-S7017 Datasheet
1Mb / 2P
   Dual-socket HPC server platform
S7018 ETC2-S7018 Datasheet
1Mb / 2P
   Dual-socket HPC server platform
GT24-B8236-IL ETC2-GT24-B8236-IL Datasheet
748Kb / 2P
   Best 1U dual-socket SMP server implementation for HPC and enterprise virtualization applications
GT24-B7016 ETC2-GT24-B7016 Datasheet
905Kb / 2P
   Best 1U dual-socket SMP server implementation for HPC and enterprise virtualization applications
FT48-B8812 ETC2-FT48-B8812 Datasheet
803Kb / 2P
   4U quad-socket SMP server implementation for HPC and enterprise virtualization applications
S8225 ETC2-S8225 Datasheet
702Kb / 2P
   High-End Dual-socket workstation platform for HPC
S8238 ETC2-S8238 Datasheet
698Kb / 2P
   High-density dual-socket server platform for HPC application
S8812 ETC2-S8812 Datasheet
753Kb / 2P
   High-performance quad-socket server platform for enterprise & HPC applications
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com