전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC3902T 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 2SC3902T
상세설명  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC3902T 데이터시트(HTML) 1 Page - ON Semiconductor

  2SC3902T Datasheet HTML 1Page - ON Semiconductor 2SC3902T Datasheet HTML 2Page - ON Semiconductor 2SC3902T Datasheet HTML 3Page - ON Semiconductor 2SC3902T Datasheet HTML 4Page - ON Semiconductor 2SC3902T Datasheet HTML 5Page - ON Semiconductor 2SC3902T Datasheet HTML 6Page - ON Semiconductor 2SC3902T Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
90512 TKIM/21710CB TKIM/53002RM(KT)/71598HA(KT)O2196TS(KOTO) 8-9520/3307KI/9116AT,TS No.2101-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
2SA1507/2SC3902
Bipolar Transistor
(–)160V, (–)1.5A, Low VCE(sat), (PNP)NPN Single TO-126ML
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applications
Color TV audio output, converters, inverters
Features
High breakdown voltage
Large current capacity
Adoption of FBET and MBIT process
The plastic-covered heat sink eliminates the need for an insulator when mounting the 2SA1507/2SC3902
Specifications ( ): 2SA1507
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)180
V
Collector-to-Emitter Voltage
VCEO
(--)160
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)1.5
A
Collector Current (Pulse)
ICP
(--)2.5
A
Collector Dissipation
PC
1.5
W
Tc=25°C10
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7516A-002
Ordering number : EN2101E
Product & Package Information
• Package
: TO-126ML
• JEITA, JEDEC
: TO-126
• Minimum Packing Quantity : 200 pcs./bag
Marking
Electrical Connection
1 : Emitter
2 : Collector
3 : Base
TO-126ML
0.8
0.75
2.4
4.8
0.8
0.7
8.0
4.0
1.0
1.0
3.6
1.6
3.3
12
3
LOT No.
RANK
A1507
LOT No.
RANK
C3902
2
1
3
2SC3902
2
1
3
2SA1507
2SA1507S
2SA1507T
2SC3902S
2SC3902T


유사한 부품 번호 - 2SC3902T

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SC3902T ONSEMI-2SC3902T Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
2SC3902T ONSEMI-2SC3902T Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
2SC3902T ONSEMI-2SC3902T Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
2SC3902T ONSEMI-2SC3902T Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
More results

유사한 설명 - 2SC3902T

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com