전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBJ5.0 데이터시트(PDF) 4 Page - GOOD-ARK Electronics

부품명 SMBJ5.0
상세설명  Surface Mount Transient Voltage Suppressors Peak Pulse Power 600W Stand-off Voltage 5.0 to 440V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMBJ5.0 데이터시트(HTML) 4 Page - GOOD-ARK Electronics

  SMBJ5.0_15 Datasheet HTML 1Page - GOOD-ARK Electronics SMBJ5.0_15 Datasheet HTML 2Page - GOOD-ARK Electronics SMBJ5.0_15 Datasheet HTML 3Page - GOOD-ARK Electronics SMBJ5.0_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
592
S
E
V
R
U
C
C
I
T
S
I
R
E
T
C
A
R
A
H
C
D
N
A
S
G
N
I
T
A
R
(T
A = 25
oC unless otherwise noted)


유사한 부품 번호 - SMBJ5.0_15

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
SMBJ5.0-188A BWTECH-SMBJ5.0-188A Datasheet
579Kb / 7P
   Stand-off Voltage 5.0 to 188V
logo
Taiwan Semiconductor Co...
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Micro Commercial Compon...
SMBJ5.0 MCC-SMBJ5.0_11 Datasheet
323Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Galaxy Semi-Conductor H...
SMBJ5.0 BILIN-SMBJ5.0_12 Datasheet
261Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR
SMBJ5.0 BILIN-SMBJ5.0_17 Datasheet
837Kb / 7P
   Transient Voltage Suppressor
More results

유사한 설명 - SMBJ5.0_15

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
logo
Nanjing International G...
F2TVS5.0A DGNJDZ-F2TVS5.0A Datasheet
718Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com