전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBJ5.0 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 SMBJ5.0
상세설명  Surface Mount Transient Voltage Suppressors Peak Pulse Power 600W Stand-off Voltage 5.0 to 440V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMBJ5.0 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  SMBJ5.0_15 Datasheet HTML 1Page - GOOD-ARK Electronics SMBJ5.0_15 Datasheet HTML 2Page - GOOD-ARK Electronics SMBJ5.0_15 Datasheet HTML 3Page - GOOD-ARK Electronics SMBJ5.0_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
589
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(Ratings at 25oC ambient temperature unless otherwise specified.)
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package with built-in strain relief for surface
mounted applications
Glass passivated junction
Low incremental surge resistance, excellent clamping capability
600W peak pulse power capability with a 10/1000us
waveform, repetition rate (duty cycle): 0.01%
Very fast response time
High temperature soldering guaranteed:
250oC/10 seconds at terminals
Case: JEDEC DO-214AA(SMB J-Bend) molded plastic over
passivated junction
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: For unidirectional types the band denotes the cathode,
which is positive with respect to the anode under normal TVS
operation
Weight: 0.003oz., 0.093g
A
C
0
4
4
u
r
h
t
0
.
5
J
B
M
S
s
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
t
n
u
o
M
e
c
a
f
r
u
S
V
0
4
4
o
t
0
.
5
e
g
a
t
l
o
V
f
f
o
-
d
n
a
t
S
W
0
0
6
r
e
w
o
P
e
s
l
u
P
k
a
e
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
h
t
i
w
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
s
l
u
p
k
a
e
P
0
0
0
1
/
0
1
a
u
m
r
o
f
e
v
a
w
s
)
2
,
1
(
)
1
.
g
i
F
e
e
s
(
P
M
P
P
0
0
6
m
u
m
i
n
i
MW
0
0
0
1
/
0
1
a
h
t
i
w
t
n
e
r
r
u
c
e
s
l
u
p
k
a
e
P
u
m
r
o
f
e
v
a
w
s
)
1
(
I
M
P
P
e
l
b
a
T
t
x
e
N
e
e
SA
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
y
l
n
o
l
a
n
o
i
t
c
e
r
i
d
-
i
n
u
)
2
(
I
M
S
F
0
0
1A
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
,
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
)
4
(
R
θ A
J
0
0
1
o
W
/
C
d
a
e
l
o
t
n
o
i
t
c
n
u
j
,
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TR
θ L
J
0
2
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
T
,
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above T
A=25
oC per Fig. 2
2. Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
3. Mounted on minimum recommended pad layout
Devices for Bidirectional Applications
For bi-directional devices, use suffix CA (e.g. SMBJ10CA). Electrical characteristics apply in both directions.


유사한 부품 번호 - SMBJ5.0_15

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
SMBJ5.0-188A BWTECH-SMBJ5.0-188A Datasheet
579Kb / 7P
   Stand-off Voltage 5.0 to 188V
logo
Taiwan Semiconductor Co...
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Micro Commercial Compon...
SMBJ5.0 MCC-SMBJ5.0_11 Datasheet
323Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Galaxy Semi-Conductor H...
SMBJ5.0 BILIN-SMBJ5.0_12 Datasheet
261Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR
SMBJ5.0 BILIN-SMBJ5.0_17 Datasheet
837Kb / 7P
   Transient Voltage Suppressor
More results

유사한 설명 - SMBJ5.0_15

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
logo
Nanjing International G...
F2TVS5.0A DGNJDZ-F2TVS5.0A Datasheet
718Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com