전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F2708AUMD-AH 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 LC87F2708AUMD-AH
상세설명  8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F2708AUMD-AH 데이터시트(HTML) 4 Page - ON Semiconductor

  LC87F2708AUMD-AH Datasheet HTML 1Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 2Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 3Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 4Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 5Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 6Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 7Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 8Page - ON Semiconductor LC87F2708AUMD-AH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LC87F2708A
No.A1335-4/24
■ Internal Reset Circuit
- Power-on reset (POR) function
1) POR reset is generated only at power-on time.
2) The POR release level can be selected from 3 levels (2.87V, 3.86V, and 4.35V) by optional
configuration.
- Low-voltage detection reset (LVD) function
1) LVD and POR functions are combined to generate resets when power is turned on and when power
voltage falls below a certain level.
2) The use or disuse of the LVD function and the low voltage threshold level (3 levels: 2.81V, 3.79V,
and 4.28V) can be selected by optional configuration.
■ Standby Function
- HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) There are the following three ways of resetting the HALT mode.
<1> Setting the Reset pin to the low level
<2> Generating a reset signal via the watchdog timer or brown-out detector
<3> Having an interrupt generated
- HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The medium- and high-speed RC oscillation circuits automatically stop operation.
2) There are the following four ways of resetting the HOLD mode.
<1> Setting the Reset pin to the low level
<2> Generating a reset signal via the watchdog timer or brown-out detector
<3> Setting at least one of the INTA, INTB, INTC, INTD, INTE, and INTF pins to the specified
level (INTA and INTB HOLD mode reset is available only when level detection is set.)
<4> Applying input signals to the IN+ and IN
 pins so that the analog comparator output is set to the
specified level (when the analog comparator output is assigned to the INTC input)
■ On-chip Debugger Function
- Supports software debugging with the IC mounted on the target board (LC87D2708A).
LC87F2708A has an On-chip debugger but its function is limited.
- 3 channels of on-chip debugger pins are available.
■ Data Security Function Note3
- Protects the program data stored in flash memory from unauthorized read or copy.
Note3: This data security function does not necessarily provide absolute data security.
■ Development Tools
- On-chip debugger: 1) TCB87-Type B + LC87D2708A
2) TCB87-Type B + LC87F2708A
3) TCB87-Type C (3 wire version) + LC87D2708A
4) TCB87-Type C (3 wire version) + LC87F2708A


유사한 부품 번호 - LC87F2708AUMD-AH

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC87F2708AUMD-AH ONSEMI-LC87F2708AUMD-AH Datasheet
235Kb / 24P
   8-bit Microcontroller
September, 2014 Ver. 1.02
More results

유사한 설명 - LC87F2708AUMD-AH

제조업체부품명데이터시트상세설명
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com