전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F1L16A 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 LC87F1L16A
상세설명  8-bit 1-chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1L16A 데이터시트(HTML) 4 Page - ON Semiconductor

  LC87F1L16A Datasheet HTML 1Page - ON Semiconductor LC87F1L16A Datasheet HTML 2Page - ON Semiconductor LC87F1L16A Datasheet HTML 3Page - ON Semiconductor LC87F1L16A Datasheet HTML 4Page - ON Semiconductor LC87F1L16A Datasheet HTML 5Page - ON Semiconductor LC87F1L16A Datasheet HTML 6Page - ON Semiconductor LC87F1L16A Datasheet HTML 7Page - ON Semiconductor LC87F1L16A Datasheet HTML 8Page - ON Semiconductor LC87F1L16A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LC87F1L16A
No.A1835-4/23
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) There are three ways of resetting the HOLD mode.
(1) Setting the reset pin to the lower level
(2) System resetting by watchdog timer
(3) Occurrence of an interrupt
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The PLL base clock generator, CF, RC and crystal oscillators automatically stop operation.
2) There are five ways of resetting the HOLD mode.
(1) Setting the reset pin to the lower level
(2) System resetting by watchdog timer
(3) Having an interrupt source established at either INT0, INT1, INT2, INT4 or INT5
* INT0 and INT1 HOLD mode reset is available only when level detection is set.
(4) Having an interrupt source established at port 0
(5) Having an bus active interrupt source established in the USB host controll circuit
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
1) The PLL base clock generator, CF and RC oscillator automatically stop operation.
2) The state of crystal oscillation established when the X'tal HOLD mode is entered is retained.
3) There are six ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level
(2) System resetting by watchdog timer
(3) Having an interrupt source established at either INT0, INT1, INT2, INT4 or INT5
* INT0 and INT1 HOLD mode reset is available only when level detection is set.
(4) Having an interrupt source established at port 0
(5) Having an interrupt source established in the base timer circuit
(6) Having an bus active interrupt source established in the USB host controll circuit
Development Tools
• On-chip debugger: TCB87 type-B + LC87F1L16A or TCB87 type-C (three wire cable) + LC87F1L16A
Flash ROM Programming Boards
Package
Programming Boards
SQFP48(7
× 7)
W87F55256SQ
Flash Programmer
Maker
Model
Supported version
Device
Flash Support Group, Inc.
(FSG)
Single
Programmer
AF9709/AF9709B/AF9709C
(Including Ando Electric Co., Ltd. models)
Rev 03.18c or later
LC87F1L16A
Flash Support Group, Inc.
(FSG)
+
Sanyo (Note 1)
Onboard
Single/Gang
Programmer
AF9101/AF9103 (Main unit)
(FSG models)
(Note 2)
LC87F1L16A
SIB87(Inter Face Driver)
(Sanyo model)
Sanyo
Single/Gang
Programmer
SKK/SKK TypeB
(SanyoFWS)
Application Version
1.04 or later
Chip Data Version
2.21 or later
LC87F1L16
Onboard
Single/Gang
Programmer
SKK-DBG TypeB
(SanyoFWS)
For information about AF-Series:
Flash Support Group, Inc.
TEL: +81-53-459-1050
E-mail: sales@j-fsg.co.jp
Note1: On-board-programmer from FSG (AF9101/AF9103) and serial interface driver from Our company (SIB87)
together can give a PC-less, standalone on-board-programming capabilities.
Note2: It needs a special programming devices and applications depending on the use of programming environment.
Please ask FSG or Our company for the information.


유사한 부품 번호 - LC87F1L16A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
More results

유사한 설명 - LC87F1L16A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com