전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F2W48A 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 LC87F2W48A
상세설명  8-bit 1-chip Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F2W48A 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button LC87F2W48A Datasheet HTML 5Page - ON Semiconductor LC87F2W48A Datasheet HTML 6Page - ON Semiconductor LC87F2W48A Datasheet HTML 7Page - ON Semiconductor LC87F2W48A Datasheet HTML 8Page - ON Semiconductor LC87F2W48A Datasheet HTML 9Page - ON Semiconductor LC87F2W48A Datasheet HTML 10Page - ON Semiconductor LC87F2W48A Datasheet HTML 11Page - ON Semiconductor LC87F2W48A Datasheet HTML 12Page - ON Semiconductor LC87F2W48A Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LC87F2W48A
No.A1869-9/26
Continued from preceding page.
Pin Name
I/O
Description
Option
Port 7
I/O
• 4-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P70: INT0 input/HOLD reset input/timer 0L capture input/watchdog timer output
P71: INT1 input/HOLD reset input/timer 0H capture input
P72: INT2 input HOLD reset input/timer 0 event input/timer 0L capture input
P73: INT3 input (with noise filter)/timer 0 event input/timer 0H capture input/
Infrared remote controller receiver input
P70(AN8), P71(AN9): AD converter input
• Interrupt acknowledge type
No
P70 to P73
Rising
Falling
Rising &
Falling
H level
L level
INT0
INT1
INT2
INT3
enable
enable
enable
enable
enable
enable
enable
enable
disable
disable
enable
enable
enable
enable
disable
disable
enable
enable
disable
disable
PWM0
I/O
• PWM0 output port
• General-purpose I/O available
No
PWM1
I/O
• PWM1 output port
• General-purpose I/O available
No
RES
I/O
External reset Input/internal reset output
No
XT1
Input
• 32.768kHz crystal oscillator input pin
• Shared pins
General-purpose input port
AD converter input port: AN10
No
XT2
I/O
• 32.768kHz crystal oscillator output pin
• Shared pins
General-purpose I/O port
AD converter input port: AN11
No
CF1
Input
• Ceramic resonator input pin
• Shared pins
General-purpose input port
AD converter input port: AN12
No
CF2
I/O
• Ceramic resonator output pin
• Shared pins
General-purpose I/O port
AD converter input port: AN13
No
OWP0
I/O
On-chip Debugger pin
No


유사한 부품 번호 - LC87F2W48A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F2W48A SANYO-LC87F2W48A Datasheet
221Kb / 26P
   50K-byte FROM and 1536-byte RAM integrated 8-bit 1-chip Microcontroller
More results

유사한 설명 - LC87F2W48A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com