전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33064DM 데이터시트(PDF) 5 Page - Microsemi Corporation

부품명 MC33064DM
상세설명  UNDERVOLTAGE SENSING CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MC33064DM 데이터시트(HTML) 5 Page - Microsemi Corporation

  MC33064DM Datasheet HTML 1Page - Microsemi Corporation MC33064DM Datasheet HTML 2Page - Microsemi Corporation MC33064DM Datasheet HTML 3Page - Microsemi Corporation MC33064DM Datasheet HTML 4Page - Microsemi Corporation MC33064DM Datasheet HTML 5Page - Microsemi Corporation MC33064DM Datasheet HTML 6Page - Microsemi Corporation MC33064DM Datasheet HTML 7Page - Microsemi Corporation MC33064DM Datasheet HTML 8Page - Microsemi Corporation MC33064DM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
U NDER VOL T AGE S ENSING C IRCUIT
MC33064/MC34064
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1999
Rev. 1.3
6/99
P RODUCTION
D AT A
S HEET
CHARACTERISTIC CUR VES
FIGURE 2. — POWER-UP RESET VOLTAGE
FIGURE 3. — POWER-DOWN RESET VOLTAGE
FIGURE 4. — RESET OUTPUT VOLTAGE vs. INPUT VOLTAGE
FIGURE 1. — INPUT VOLTAGE and RESET OUTPUT
VOLTAGE vs. TIME
0.4
1.0
0
10
(t) Time - (ms)
20
5
15
20
.2
.6
.8
R
L = 10k
T
A = 25 C
1.2
1.4
1.6
1.8 2.0
0
10
5
15
00.8
2.0
0
0.8
(t) Time - (ms)
2.0
0.4
1.2
1.6
0.4
1.2
1.6
0.2
0.6
1.0
1.4
1.8
RESET
V
IN
R
L = 10kohms
T
A = 25 C
4.58
0
2
(V
IN)
Input Voltage - (V)
5
1
3
4
4.59
4.60
4.61
4.62
R
L = 10kohms
T
A = 25 C
00.8
2.0
0
0.8
(t) Time - (ms)
2.0
0.4
1.2
1.6
0.4
1.2
1.6
0.2
0.6
1.0
1.4
1.8
RESET
V
IN
R
L = 10kohms
T
A = 25 C


유사한 부품 번호 - MC33064DM

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC33064DM-5 MOTOROLA-MC33064DM-5 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
ON Semiconductor
MC33064DM-5R2 ONSEMI-MC33064DM-5R2 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC33064DM-5R2 ONSEMI-MC33064DM-5R2 Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
MC33064DM-5R2G ONSEMI-MC33064DM-5R2G Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC33064DM-5R2G ONSEMI-MC33064DM-5R2G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
More results

유사한 설명 - MC33064DM

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com