전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F7NP6A 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 LC87F7NP6A
상세설명  LC87F7NC8AUEJ-2H
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F7NP6A 데이터시트(HTML) 4 Page - ON Semiconductor

  LC87F7NP6A Datasheet HTML 1Page - ON Semiconductor LC87F7NP6A Datasheet HTML 2Page - ON Semiconductor LC87F7NP6A Datasheet HTML 3Page - ON Semiconductor LC87F7NP6A Datasheet HTML 4Page - ON Semiconductor LC87F7NP6A Datasheet HTML 5Page - ON Semiconductor LC87F7NP6A Datasheet HTML 6Page - ON Semiconductor LC87F7NP6A Datasheet HTML 7Page - ON Semiconductor LC87F7NP6A Datasheet HTML 8Page - ON Semiconductor LC87F7NP6A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LC87F7NP6A
www.onsemi.com
4
 Interrupt Source Flags
31 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests
of the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest
level takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest
vector address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4/remote control receiver1
4
0001BH
H or L
INT3/base timer/INT5/ remote control receiver2
5
00023H
H or L
T0H/INT6
6
0002BH
H or L
T1L/T1H/INT7
7
00033H
H or L
SIO0/UART1 receive/ UART2 receive/T8L/T8H
8
0003BH
H or L
SIO1/UART1 transmit/ UART2 transmit
9
00043H
H or L
ADC/MIC/T6/T7/PWM4/PWM5
10
0004BH
H or L
Port 0/T4/T5
Priority levels X > H > L
 Of interrupts of the same level, the one with the smallest vector address takes precedence.
 IFLG (List of interrupt source flag function)
1) Shows a list of interrupt source flags that caused a branching to a particular vector address.
Subroutine Stack Levels
2048 levels maximum (The stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
16 bits  8 bits
(5 tCYC execution time)
24 bits  16 bits
(12 tCYC execution time)
16 bits  8 bits
(8 tCYC execution time)
24 bits  16 bits
(12 tCYC execution time)
Oscillation Circuits
RC oscillation circuit (internal): For system clock
CF oscillation circuit: For system clock, with internal Rf and external Rd
Crystal oscillation circuit: For low-speed system clock, with internal Rf and external Rd
Multifrequency RC oscillation circuit (internal): For system clock
1) Adjustable in ±4
 (typ) increments from the selected center frequency.
2) Measures the frequency of the source oscillation clock using the input signal from XT1 as the reference.
System Clock Divider Function
Can run on low current.
The minimum instruction cycle selectable from 300ns, 600ns, 1.2s, 2.4s, 4.8s, 9.6s, 19.2s, 38.4s, and
76.8
s (at a main clock rate of 10MHz).


유사한 부품 번호 - LC87F7NP6A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC87F7NC8A ONSEMI-LC87F7NC8A Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
LC87F7NC8AUEJ-2H ONSEMI-LC87F7NC8AUEJ-2H Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
LC87F7NC8AUEJ-2H ONSEMI-LC87F7NC8AUEJ-2H Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
LC87F7NC8AVUEJ-2H ONSEMI-LC87F7NC8AVUEJ-2H Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
LC87F7NC8AVUEJ-2H ONSEMI-LC87F7NC8AVUEJ-2H Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
More results

유사한 설명 - LC87F7NP6A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STV2162 STMICROELECTRONICS-STV2162 Datasheet
191Kb / 14P
   2H - VIDEO SCANNING PROCESSOR
logo
TRACO Electronic AG
TES2H TRACOPOWER-TES2H Datasheet
840Kb / 5P
   TES 2H Series, 2 Watt
Rev. November 30, 2022
logo
PHOENIX CONTACT
3270395 PHOENIX-3270395 Datasheet
579Kb / 20P
   Marshalling patchboard - PTMC 1,5/32-2H VDE081519Z
Jun 7, 2022
3270316 PHOENIX-3270316 Datasheet
580Kb / 20P
   Marshalling patchboard - PTMC 1,5/32-2H 19Z
Jun 13, 2022
logo
Sony Corporation
CXL5509M SONY-CXL5509M Datasheet
156Kb / 12P
   CMOS-CCD 1H/2H Delay Line for NTSC
logo
PHOENIX CONTACT
1027904 PHOENIX-1027904 Datasheet
486Kb / 9P
   I/O module - AXL F DO16/2 2H
12/24/2021
1027843 PHOENIX-1027843 Datasheet
599Kb / 11P
   Communication module - AXL F IOL8 2H
Dec 7, 2022
3270356 PHOENIX-3270356 Datasheet
641Kb / 22P
   Marshalling patchboard - FTMC 1,5/32-2H 19Z
Jun 10, 2022
1004925 PHOENIX-1004925 Datasheet
489Kb / 11P
   I/O module - AXL F DO32/1 2H
12/24/2021
2702614 PHOENIX-2702614 Datasheet
51Kb / 1P
   Connector set - AXL CNS 4L-O/D/UI 2H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com