전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC1408-8DR2 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC1408-8DR2
상세설명  8?뭕it Multiplying D/A Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1408-8DR2 데이터시트(HTML) 4 Page - ON Semiconductor

  MC1408-8DR2 Datasheet HTML 1Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 2Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 3Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 4Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 5Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 6Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 7Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 8Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC1408−8
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (Pin 3 must be 3.0 V more negative than the potential to which R15 is returned. VCC
+5.0 VDC, VEE = −15 VDC, VREF/R14 = 2.0 mA unless otherwise specified. Tamb = 0°C to 75°C, unless otherwise noted.)
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
Relative Accuracy
Error relative to full−scale IO,
Figure 5
Er
±0.19
%
Settling Time (Note 2)
To within 1/2 LSB, includes tPLH;
Tamb = +25°C, Figure 6
tS
70
ns
Propagation Delay Time
Low−to−High
High−to−Low
Tamb = +25°C, Figure 6
tPLH
tPHL
35
100
ns
Output Full−scale Current Drift
TCIO
−20
ppm/
°C
Digital Input Logic Level (MSB)
High
Low
Figure 7
VIH
VIL
2.0
0.8
VDC
Digital Input Current (MSB)
High
Low
Figure 7
VIH = 5.0 V
VIL = 0.8 V
IIH
IIL
0
−0.4
0.04
−0.8
mA
Reference Input Bias Current
Pin 15, Figure 7
I15
−1.0
−5.0
mA
Output Current Range
Figure 7
VEE = −5.0 V
VEE = −7.0 V to −15 V
IOR
0
0
2.0
2.0
2.1
4.2
mA
Output Current
Off−State
Figure 7
VREF = 2.000 V, R14 = 1000 W
All bits low
IO
IO(min)
1.9
1.99
0
2.1
4.0
mA
mA
Output Voltage Compliance
Er ≤ 0.19%.0 at
TA = +25°C, Figure 7
VEE = −5.0 V
VEE below −10 V
VO
−0.6 +10
−5.5, +10
−0.55, +0.5
−5.0, +0.5
VDC
Reference Current Slew Rate
Figure 8
SRIREF
8.0
mA/
ms
Output Current Power Supply
Sensitivity
IREF = 1.0 mA
PSRR(−)
0.5
2.7
mA/V
Power Supply Current
Positive
Negative
All bits low, Figure 7
ICC
IEE
+2.5
−6.5
+22
−13
mA
Power Supply Voltage Range
Positive
Negative
Tamb = +25°C, Figure 7
VCCR
VEER
+4.5
−4.5
+5.0
−15
+5.5
−16.5
VDC
Power Dissipation
All bits low, Figure 7
VEE = −5.0 VDC
VEE = −15.0 VDC
PD
34
110
170
305
mW
2. All bits switched.


유사한 부품 번호 - MC1408-8DR2

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC1408-8D PHILIPS-MC1408-8D Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
MC1408-8D PHILIPS-MC1408-8D Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
More results

유사한 설명 - MC1408-8DR2

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
   8-BIT 8-CH MULTIPLYING D-A CONVERTER
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Advanced Linear Devices
ALD1801A ALD-ALD1801A Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com