전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC1408-8NG 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC1408-8NG
상세설명  8?뭕it Multiplying D/A Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1408-8NG 데이터시트(HTML) 3 Page - ON Semiconductor

  MC1408-8NG Datasheet HTML 1Page - ON Semiconductor MC1408-8NG Datasheet HTML 2Page - ON Semiconductor MC1408-8NG Datasheet HTML 3Page - ON Semiconductor MC1408-8NG Datasheet HTML 4Page - ON Semiconductor MC1408-8NG Datasheet HTML 5Page - ON Semiconductor MC1408-8NG Datasheet HTML 6Page - ON Semiconductor MC1408-8NG Datasheet HTML 7Page - ON Semiconductor MC1408-8NG Datasheet HTML 8Page - ON Semiconductor MC1408-8NG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC1408−8
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Positive Power Supply Voltage
VCC
+5.5
V
Negative Power Supply Voltage
VEE
−16.5
V
Digital Input Voltage
V5 − V12
0 to VCC
V
Applied Output Voltage
VO
−5.2 to +18
V
Reference Current
I14
5.0
mA
Reference Amplifier Inputs
V14, V15
VEE to VCC
Maximum Power Dissipation, Tamb = 25°C (still−air) (Note 1)
N Package
D Package
PD
1450
1080
mW
Thermal Resistance, Junction−to−Ambient
N Package
D Package
RqJA
75
105
°C/W
Operating Temperature Range
Tamb
0 to +75
°C
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Lead Soldering Temperature (10 sec)
Tsld
+230
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Derate above 25
°C, at the following rates:
N package at 13.3 mW/
°C;
D package at 9.5 mW/
°C.
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. D−to−A Transfer Characteristics
0
1.0
2.0
(00000000)INPUT DIGITAL WORD(11111111)


유사한 부품 번호 - MC1408-8NG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC1408-8N PHILIPS-MC1408-8N Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
MC1408-8N PHILIPS-MC1408-8N Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
More results

유사한 설명 - MC1408-8NG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
   8-BIT 8-CH MULTIPLYING D-A CONVERTER
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Advanced Linear Devices
ALD1801A ALD-ALD1801A Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com