전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC823433TAK-2H 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 LC823433TAK-2H
상세설명  Audio Processing System LSI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823433TAK-2H 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button LC823433TAK-2H Datasheet HTML 3Page - ON Semiconductor LC823433TAK-2H Datasheet HTML 4Page - ON Semiconductor LC823433TAK-2H Datasheet HTML 5Page - ON Semiconductor LC823433TAK-2H Datasheet HTML 6Page - ON Semiconductor LC823433TAK-2H Datasheet HTML 7Page - ON Semiconductor LC823433TAK-2H Datasheet HTML 8Page - ON Semiconductor LC823433TAK-2H Datasheet HTML 9Page - ON Semiconductor LC823433TAK-2H Datasheet HTML 10Page - ON Semiconductor LC823433TAK-2H Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LC823433TA
www.onsemi.com
7
Pin Assignment (Bonding Option)
Direction
Attribute
I
Input pin
3IS
3V Schmitt input
1IS
1V Schmitt input.
(3V tolerant correspondence)
O
Output pin
3ICUD
3V CMOS input pull-up/down
1IC
1V CMOS input
(3V tolerant correspondence)
B
Bidirectional pin
3ISUD
3V Schmitt input pull-up/down
OD3
1V 0.3mA open drain output
(3V tolerant correspondence)
P
Power supply pin
3T2
3V 2mA tristate output
3T4
3V 4mA tristate output
X
Oscillation amplifier
3T4(8)
Tristate output with 3V 4mA/8mA switch function
3A
3V analog through
3T6(12)
Tristate output with 3V 6mA/12mA switch
function
1A
1V analog through
TQFP128L
Pin No.
Name
Direction
Attribute
1
AVSSSPAMP
P
2
AVDDSPAMP
P
3
AVREFSP
O
3A
4
HPINL/SPKINM
I
3A
5
HPINR
I
3A
6
AVSSADAC
P
7
OUTMR
O
3A
8
OUTML/OUTM
O
3A
9
AVDDADAC
P
10
AVSSAADC
P
11
AVREF
O
3A
12
AVDDAADC
P
13
AINL
I
3A
14
AINR
I
3A
15
AVDDADC
P
16
AN0
I
3A
17
AN1
I
3A
18
AN2
I
3A
19
VSS
P
20
VDD2
P
21
VDD1
P
22
TIOCA0/P10
B/B
3ISUD/3T2
23
BMODE0
I
3IS
24
BMODE1
I
3IS
25
BMODE2
I
3IS
26
NRES
I
3IS
27
SDCLK1/MCLK1/P00
O/B/B
3ISUD/3T6(12)
28
SDCMD1/LRCK1/P02
B/O/B
3ISUD/3T4(8)
29
SDAT10/BCK1/P03
B/B/B
3ISUD/3T4(8)
30
SDAT11/DIN1/P04
B/I/B
3ICUD/3T4(8)
31
SDAT12/DOUT1/P05
B/O/B
3ICUD/3T4(8)
32
SDAT13/SDO1/P06
B/O/B
3ICUD/3T4(8)
33
SDWP1/SDI1/P01
I/I/B
3ISUD/3T2
34
SDCD1/SCK1/P0A
I/B/B
3ISUD/3T2
35
SDCLK0/P14
O/B
3ICUD/3T6(12)
36
VDD2
P
37
VSS
P
38
SDCMD0/P15
B/B
3ICUD/3T4(8)
Continued on next page.


유사한 부품 번호 - LC823433TAK-2H

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC823430TA ONSEMI-LC823430TA Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823430TA-2H ONSEMI-LC823430TA-2H Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
More results

유사한 설명 - LC823433TAK-2H

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
Sanyo Semicon Device
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
   Image Processing LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com